Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D12S72C Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # D12S72C
Description  Non-Isolated, Power Block DC/DC Power Modules: 7.0~13.2Vin, 0.8V~1.8V/40Aout
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

D12S72C Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  D12S72C Datasheet HTML 1Page - Delta Electronics, Inc. D12S72C Datasheet HTML 2Page - Delta Electronics, Inc. D12S72C Datasheet HTML 3Page - Delta Electronics, Inc. D12S72C Datasheet HTML 4Page - Delta Electronics, Inc. D12S72C Datasheet HTML 5Page - Delta Electronics, Inc. D12S72C Datasheet HTML 6Page - Delta Electronics, Inc. D12S72C Datasheet HTML 7Page - Delta Electronics, Inc. D12S72C Datasheet HTML 8Page - Delta Electronics, Inc. D12S72C Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
TECHNICAL SPECIFICATIONS
TA = 25°C, airflow rate = 200 LFM, Vin = 12Vdc, nominal Vout unless otherwise noted.
PARAMETER
NOTES and CONDITIONS
D12S72
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
0
15
Vdc
Operating Temperature
Refer to Figure 21 for the measuring point
0
113
°C
Storage Temperature
-40
125
°C
Gate Voltage
0
7
Vdc
INPUT CHARACTERISTICS
Operating Input Voltage
7.0
13.2
V
Maximum Input Current
Vin=7V, Vout=1.8V, Iout=40A
11.4
A
PWM
Pin 4 and 5
4.5
5.0
5.5
V
PWMH, PWML logic low
PWMH or PWML
0
2
V
PWMH, PWML logic high
PWMH or PWML
3
3.5
5.5
V
Gate Voltage
Pin 3 (reference to ground), 6.4V recommended operating voltage
4.5
6.4
7
Vdc
OUTPUT CHARACTERISTICS
Output Voltage Adjustable Range
0.8
1.0
1.8
Vdc
Total Output Voltage Regulation
Total Regulation over load, line and temperature
-1
+1
%V
Output Voltage Ripple and Noise
6x 560µF OSCON and 388µF ceramic capacitor, BW=20MHz
20
mVpp
Output Voltage Overshoot
@ turn on
0.5
%
Output Current Range
0
40
A
Transient Response
6x 560µF OSCON and 388µF ceramic capacitor, 10A/µs, 1.8Vout
Positive Step Change in Output Current
75% Io,max to 100% Io,max
100
mV
Negative Step Change in Output Current
100% Io,max to 75% Io,max
100
mV
Setting Time to 10% of Peak Devitation
20
µs
Temperature sense
25°C, 100µA bias current
0.6
V
EFFICIENCY
Vin=7V, Vo=1.8V, Io=40A
92.0
%
Vin=12V, Vo=1.8V, Io=40A
91.5
%
Vin=13.2V, Vo=1.8V, Io=40A
91.0
%
FEATURE CHARACTERISTICS
Operating Frequency
400
kHz
GENERAL SPECIFICATIONS
MTBF
Vo=1.8V, Io=32A, Ta=25℃,400LFM
25.18
M hours
Weight
9.8
grams
L
TEMP+
CS+
CS-
VIN
PWMH
GND
VGATE
GND
PWML
TEMP-
Block diagram of D12S72C


Similar Part No. - D12S72C

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
D12S FCI-D12S Datasheet
125Kb / 2P
   0.8 Amp Glass Passivated Single Phase Silicon Bridge
logo
Delta Electronics, Inc.
D12S05020 DELTA-D12S05020 Datasheet
596Kb / 12P
   4.5V~13.2Vin, 0.59V~5.0Vout, 20A
D12S05020-1 DELTA-D12S05020-1 Datasheet
722Kb / 12P
   Fixed frequency operation
D12S05020-1A DELTA-D12S05020-1A Datasheet
596Kb / 12P
   4.5V~13.2Vin, 0.59V~5.0Vout, 20A
D12S05020-1A DELTA-D12S05020-1A Datasheet
596Kb / 12P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.2Vin, 0.59V~5.0Vout, 20A
More results

Similar Description - D12S72C

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
D12S1R830D DELTA-D12S1R830D Datasheet
342Kb / 11P
   Non-Isolated, Power Block DC/DC Power Modules: 7.0~13.2Vin, 0.8V~1.8V/30Aout
logo
Lineage Power Corporati...
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
logo
Delta Electronics, Inc.
DNK12S0A0R30NFA DELTA-DNK12S0A0R30NFA Datasheet
771Kb / 15P
   Non-Isolated, Point of Load DC/DC Power Modules: 6~14Vin, 0.8V~5.5V/30Aout
DNK05S0A0R30NFA DELTA-DNK05S0A0R30NFA Datasheet
746Kb / 15P
   Non-Isolated, Point of Load DC/DC Power Modules: 4,5~5.5Vin, 0.8V~3.63V/30Aout
D12S05020-1A DELTA-D12S05020-1A Datasheet
596Kb / 12P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.2Vin, 0.59V~5.0Vout, 20A
logo
Lineage Power Corporati...
APTH012A0X LINEAGEPOWER-APTH012A0X_10 Datasheet
598Kb / 23P
   Micro TLynxTM: Non-Isolated DC-DC Power Modules
APTS020A0X LINEAGEPOWER-APTS020A0X_10 Datasheet
765Kb / 26P
   12V TLynxTM Non-Isolated DC-DC Power Modules
logo
Bel Fuse Inc.
SLIN-20F1AX BEL-SLIN-20F1AX_17 Datasheet
1Mb / 23P
   power modules are non-isolated DC/DC converters
logo
Murata Power Solutions ...
OKLP-X25-W12-C MURATA-PS-OKLP-X25-W12-C Datasheet
851Kb / 21P
   25A Power Block Non-Isolated DC-DC Converter
logo
Delta Electronics, Inc.
D12S400A DELTA-D12S400A Datasheet
798Kb / 12P
   Non-Isolated Point of Load DC/DC Modules: 10.8~13.2Vin, 0.8375~5.0V/ 80A output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com