Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D12S72C Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # D12S72C
Description  Non-Isolated, Power Block DC/DC Power Modules: 7.0~13.2Vin, 0.8V~1.8V/40Aout
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

D12S72C Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button D12S72C Datasheet HTML 2Page - Delta Electronics, Inc. D12S72C Datasheet HTML 3Page - Delta Electronics, Inc. D12S72C Datasheet HTML 4Page - Delta Electronics, Inc. D12S72C Datasheet HTML 5Page - Delta Electronics, Inc. D12S72C Datasheet HTML 6Page - Delta Electronics, Inc. D12S72C Datasheet HTML 7Page - Delta Electronics, Inc. D12S72C Datasheet HTML 8Page - Delta Electronics, Inc. D12S72C Datasheet HTML 9Page - Delta Electronics, Inc. D12S72C Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
TEST CONFIGURATIONS
Figure 17: Peak-peak output ripple & noise and startup
transient measurement test setup
Note: 6pcs 560µF OSCON, 4pcs 47µF 1210 MLCC and
20pcs 10uF 1206 MLCC capacitor in the module output.
Scope measurement should be made by using a BNC
connector.
SUPPLY
II
VI
Vo
GND
Io
LOAD
DISTRIBUTION LOSSES
CONTACT RESISTANCE
Figure 18: Output voltage and efficiency measurement test
setup
Note: All measurements are taken at the module
terminals. When the module is not soldered (via socket),
place Kelvin connections at module terminals to avoid
measurement errors due to contact resistance.
%
100
)
(
×
×
×
=
Ii
Vi
Io
Vo
η
Vo
Input
Cin
1500uF/16V * 2pcs
Aluminum
Cout
SCOPE
10uF/16V * 2pcs
MLCC
Figure 19: Peak-peak Input ripple & noise measurement test
setup
Note: 2pcs 1,500µF Aluminum and 2pcs 10µF MLCC in
the module input. Scope measurement should be made
by using a BNC connector.
DESIGN CONSIDERATIONS
The power module should be connected to a low
ac-impedance input source. Highly inductive source
impedances can affect the stability of the module. An
input capacitance must be placed close to the modules
input pins to filter ripple current and ensure module
stability in the presence of inductive traces that supply
the input voltage to the module.
Safety Considerations
For safety-agency approval the power module must be
installed in compliance with the spacing and separation
requirements of the end-use safety agency standards.
For the converter output to be considered meeting the
requirements of safety extra-low voltage (SELV), the
input must meet SELV requirements. The power module
has extra-low voltage (ELV) outputs when all inputs are
ELV.
The input to these units is to be provided with a
maximum 15A time-delay fuse in the ungrounded lead.
FEATURES DESCRIPTIONS
Over-Current Protection
To provide protection in an output over load fault
condition, the unit is equipped with internal over-current
protection.
When
the
over-current
protection
is
triggered, the unit will be shutdown and restart by input
or OUTEN on/off. The units operate normally once the
fault condition is removed.
Over-Temperature Protection
To provide additional over-temperature protection in a
fault condition, the unit is equipped with a thermal
shutdown circuit. The shutdown circuit engages when the
temperature
of
monitored
component
exceeds
approximately 121℃. It can be set with latching mode or
auto-restart mode by the external digital IC. The shutdown
unit will restart by input or OUTEN on/off while the
temperature lower than 113℃ (latching mode), or will
auto-restart while the temperature lower than 113℃
(auto-restart mode).


Similar Part No. - D12S72C

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
D12S FCI-D12S Datasheet
125Kb / 2P
   0.8 Amp Glass Passivated Single Phase Silicon Bridge
logo
Delta Electronics, Inc.
D12S05020 DELTA-D12S05020 Datasheet
596Kb / 12P
   4.5V~13.2Vin, 0.59V~5.0Vout, 20A
D12S05020-1 DELTA-D12S05020-1 Datasheet
722Kb / 12P
   Fixed frequency operation
D12S05020-1A DELTA-D12S05020-1A Datasheet
596Kb / 12P
   4.5V~13.2Vin, 0.59V~5.0Vout, 20A
D12S05020-1A DELTA-D12S05020-1A Datasheet
596Kb / 12P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.2Vin, 0.59V~5.0Vout, 20A
More results

Similar Description - D12S72C

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
D12S1R830D DELTA-D12S1R830D Datasheet
342Kb / 11P
   Non-Isolated, Power Block DC/DC Power Modules: 7.0~13.2Vin, 0.8V~1.8V/30Aout
logo
Lineage Power Corporati...
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
logo
Delta Electronics, Inc.
DNK12S0A0R30NFA DELTA-DNK12S0A0R30NFA Datasheet
771Kb / 15P
   Non-Isolated, Point of Load DC/DC Power Modules: 6~14Vin, 0.8V~5.5V/30Aout
DNK05S0A0R30NFA DELTA-DNK05S0A0R30NFA Datasheet
746Kb / 15P
   Non-Isolated, Point of Load DC/DC Power Modules: 4,5~5.5Vin, 0.8V~3.63V/30Aout
D12S05020-1A DELTA-D12S05020-1A Datasheet
596Kb / 12P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.2Vin, 0.59V~5.0Vout, 20A
logo
Lineage Power Corporati...
APTH012A0X LINEAGEPOWER-APTH012A0X_10 Datasheet
598Kb / 23P
   Micro TLynxTM: Non-Isolated DC-DC Power Modules
APTS020A0X LINEAGEPOWER-APTS020A0X_10 Datasheet
765Kb / 26P
   12V TLynxTM Non-Isolated DC-DC Power Modules
logo
Bel Fuse Inc.
SLIN-20F1AX BEL-SLIN-20F1AX_17 Datasheet
1Mb / 23P
   power modules are non-isolated DC/DC converters
logo
Murata Power Solutions ...
OKLP-X25-W12-C MURATA-PS-OKLP-X25-W12-C Datasheet
851Kb / 21P
   25A Power Block Non-Isolated DC-DC Converter
logo
Delta Electronics, Inc.
D12S400A DELTA-D12S400A Datasheet
798Kb / 12P
   Non-Isolated Point of Load DC/DC Modules: 10.8~13.2Vin, 0.8375~5.0V/ 80A output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com