Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIM3R3300SFA Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # DIM3R3300SFA
Description  300W Dual Input Power Processing DC/DC Power Modules
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DIM3R3300SFA Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  DIM3R3300SFA_09 Datasheet HTML 1Page - Delta Electronics, Inc. DIM3R3300SFA_09 Datasheet HTML 2Page - Delta Electronics, Inc. DIM3R3300SFA_09 Datasheet HTML 3Page - Delta Electronics, Inc. DIM3R3300SFA_09 Datasheet HTML 4Page - Delta Electronics, Inc. DIM3R3300SFA_09 Datasheet HTML 5Page - Delta Electronics, Inc. DIM3R3300SFA_09 Datasheet HTML 6Page - Delta Electronics, Inc. DIM3R3300SFA_09 Datasheet HTML 7Page - Delta Electronics, Inc. DIM3R3300SFA_09 Datasheet HTML 8Page - Delta Electronics, Inc. DIM3R3300SFA_09 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PRELIMINARY DATASHEET
DS_DIM3R3_03252009
4
DIM3R3 INTERNAL BLOCK DIAGRAM
PIN FUNCTIONS
PIN NO.
PIN NAME
DESCRIPTION
1
-48_AF
-48V_A Feed (Externally Fused)
2
-48_BF
-48V_B Feed (Externally Fused)
3
VRTN_AF
VRTN_AF Feed (Externally Fused)
4
VRTN_BF
VRTN_BF Feed (Externally Fused)
5
ENABLE_AF
ENABLE_AF Feed (Externally Fused) (Short Pin, connected to VRTN_AF on the back plane)
6
ENABLE_BF
ENABLE_BF Feed (Externally Fused) (Short Pin, connected to VRTN_BF on the back plane)
7
SHELF_GND
Shelf / Chassis / Safety Ground
8
72V_CAP
Holdup/Bulk capacitor output voltage (Negative Connection to -48V_OUT)
9
-48V_OUT
OR’d and Inrush Protected –48V Output Bus
10
MGMT_PWR
3.3V Isolated Management Power Output (reference to LOGIC_GND)
This pin is optional for 5V Isolated Management Power Output (reference to LOGIC_GND)
11
5V BLUE_LED_PWR
This pin is optional for 5V Isolated Blue LED Power output (reference to LOGIC_GND)
12
LOGIC_GND
Logic / Secondary / Isolated Ground
13
-48V_ALARM
Opto-isolated -48V A/B Feed Loss or Open Fuse Alarm (reference to LOGIC_GND)
14
VRTN_OUT
OR’d and Inrush Protected VRTN Output Bus


Similar Part No. - DIM3R3300SFA_09

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DIM3R3300SFA DELTA-DIM3R3300SFA_14 Datasheet
379Kb / 14P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
More results

Similar Description - DIM3R3300SFA_09

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DIM3R3300SFA DELTA-DIM3R3300SFA Datasheet
376Kb / 13P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFA DELTA-DIM3R3300SFA_14 Datasheet
379Kb / 14P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
E48SD12025 DELTA-E48SD12025 Datasheet
1Mb / 27P
   300W DC/DC Power Modules
Q48SC12025 DELTA-Q48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
E48SC12025 DELTA-E48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
logo
General Electric Compan...
QBVW025A0B GEC-QBVW025A0B Datasheet
1Mb / 19P
   Barracuda* Series; DC-DC Converter Power Modules 36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Version 1.3 May 9, 2013
logo
BOSER Technology Co., L...
BPW-830C BOSER-BPW-830C Datasheet
78Kb / 1P
   300W DC-DC ATX power supply Input Range: 19~32VDC
MPD-830R BOSER-MPD-830R Datasheet
82Kb / 1P
   300W DC-DC ATX Power Supply
BPW-830V BOSER-BPW-830V Datasheet
78Kb / 1P
   300W DC-DC ATX power supply Input Range: -40~-72VDC
logo
Delta Electronics, Inc.
Q48SH12025 DELTA-Q48SH12025 Datasheet
392Kb / 13P
   300W Quarter Brick Family DC/DC Power Modules: 48V in, 12V/25A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com