Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIM3R3400 Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # DIM3R3400
Description  400W DC/DC Power Modules
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DIM3R3400 Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button DIM3R3400 Datasheet HTML 7Page - Delta Electronics, Inc. DIM3R3400 Datasheet HTML 8Page - Delta Electronics, Inc. DIM3R3400 Datasheet HTML 9Page - Delta Electronics, Inc. DIM3R3400 Datasheet HTML 10Page - Delta Electronics, Inc. DIM3R3400 Datasheet HTML 11Page - Delta Electronics, Inc. DIM3R3400 Datasheet HTML 12Page - Delta Electronics, Inc. DIM3R3400 Datasheet HTML 13Page - Delta Electronics, Inc. DIM3R3400 Datasheet HTML 14Page - Delta Electronics, Inc. DIM3R3400 Datasheet HTML 15Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DS_DIM3R3400_08142013
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P11
I2C DATA REPORTING INTERFACE:
The module has a digital I2C Serial interface to allow the
module to be monitored by the system. The module
supports 3 I2C signal lines, Data, Clock and 1 Address
line I2C_ADR. the Delta I2C Serial Interface monitors 5
analog parameters and 6 status bits. The actual analog
parameter values are calculated by multiplying by the
specified scaling factors (see table1). The status bits are
interpreted in Table 2. The initial value of all registers is
zero. Data in the registers begins updating 300ms after
management power startup, and continues updating at
approximately 100ms intervals during steady-state
operation. All registers are updated simultaneously. The
I2C_DAT and the I2C_CLK have been pull high to
internal 3.3V.
Table 1: Internal register memory map.
Table 2: The status byte represents 6 different digital
signals and their digital state.
Note: 1)Bit0=>LSB, Bit7=>MSB
I2C PROTOCOL:
To begin communication, a master device starts out in
Master Transmit mode. The master device sends out a
Start bit followed by the address byte of the slave it
intends to communicate with. This is followed by a sin-
gle Read/Write bit, which determines whether the mas-
ter intends to transmit to or receive data from the slave
device.
If the requested slave exists on the bus, it will respond
with an Acknowledge bit, otherwise known as an ACK.
The master then continues in either Transmit mode or
Receive mode and the slave continues in the comple-
ment, either in Receive mode or Transmit mode,
respectively.
A Start bit is indicated by a high-to-low transition of the
SDAx line while the SCLx line is held high. Address and
data bytes are sent out, Most Significant bit (MSb) first.
The Read/Write bit is sent out as a logical one when the
master intends to read data from the slave, and is sent
out as a logical zero when it intends to write data to the
slave.
If the master intends to read from the slave, then it
repeatedly receives a byte of data from the slave, and
responds after each byte with an ACK bit. In this
example, the master device is in Master Receive mode
and the slave is Slave Transmit mode.
On the last byte of data communicated, the master
device may end the transmission by sending a Stop bit.
If the master device is in Receive mode, it sends the
Stop bit in place of the last ACK bit. A Stop bit is
indicated by a low-to-high transition of the SDAx line
while the SCLx line is held high.
Reading from any internal register of the Delta monitor
requires that an internal register, Data_Pointer, be
initialized prior to reading (see Figure 16).
Figure 16: Typical I2C read transmission. Note: S = START,
W = WRITE, R = READ, AK = acknowledged, NACK = NOT
acknowledged, P = STOP. Clear boxed originate in the I2C
Master and shaded boxed originate in the I2C Slave.


Similar Part No. - DIM3R3400

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DIM3R3 DELTA-DIM3R3 Datasheet
602Kb / 13P
   Inrush protection and hot swap capability
DIM3R3300SFA DELTA-DIM3R3300SFA Datasheet
376Kb / 13P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFA DELTA-DIM3R3300SFA Datasheet
378Kb / 13P
   300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFA DELTA-DIM3R3300SFA Datasheet
379Kb / 14P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFA DELTA-DIM3R3300SFA Datasheet
602Kb / 13P
   Industry standard pin out
More results

Similar Description - DIM3R3400

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SC12033 DELTA-Q48SC12033 Datasheet
1Mb / 28P
   400W DC/DC Power Modules
logo
DENSEI-LAMBDA
PAF400F280 LAMBDA-PAF400F280 Datasheet
106Kb / 1P
   DC-DC Module 400W
logo
Delta Electronics, Inc.
Q48SH12033 DELTA-Q48SH12033 Datasheet
442Kb / 13P
   400W Quarter Brick Family DC/DC Power Modules: 48V in, 12V/33A out
Q48SK12033 DELTA-Q48SK12033 Datasheet
366Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/33A out, 400W
logo
Dubilier
ZKS-400WX-A DUBILIER-ZKS-400WX-A Datasheet
64Kb / 1P
   400W AC-DC ATX Power Supply supports 400W AC-DC ATX Power Supply supports
logo
Delta Electronics, Inc.
HA1SV12004 DELTA-HA1SV12004 Datasheet
893Kb / 11P
   50W DC/DC Power Modules
Q48SC12042 DELTA-Q48SC12042 Datasheet
1Mb / 26P
   500W DC/DC Power Modules
Q48SK12448NNFB DELTA-Q48SK12448NNFB Datasheet
761Kb / 10P
   600W DC/DC Power Modules
E48SC12030 DELTA-E48SC12030 Datasheet
1Mb / 27P
   360W DC/DC Power Modules
E48SD12020 DELTA-E48SD12020_14 Datasheet
935Kb / 28P
   240W DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com