Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5632IDWRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV5632IDWRG4
Description  8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG ONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5632IDWRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TLV5632IDWRG4 Datasheet HTML 1Page - Texas Instruments TLV5632IDWRG4 Datasheet HTML 2Page - Texas Instruments TLV5632IDWRG4 Datasheet HTML 3Page - Texas Instruments TLV5632IDWRG4 Datasheet HTML 4Page - Texas Instruments TLV5632IDWRG4 Datasheet HTML 5Page - Texas Instruments TLV5632IDWRG4 Datasheet HTML 6Page - Texas Instruments TLV5632IDWRG4 Datasheet HTML 7Page - Texas Instruments TLV5632IDWRG4 Datasheet HTML 8Page - Texas Instruments TLV5632IDWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TLV5630
TLV5631
TLV5632
SLAS269F – MAY 2000 – REVISED NOVEMBER 2008 .................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC DAC SPECIFICATIONS
TLV5630
12
Bits
Resolution
TLV5631
10
Bits
TLV5632
8
Bits
TLV5630
Code 40 to 4095
±2
±6
LSB
INL
Integral nonlinearity
TLV5631
Vref = 1 V, 2 V
Code 20 to 1023
±0.5
±2
LSB
TLV5632
Code 6 to 255
±0.3
±1
LSB
TLV5630
Code 40 to 4095
±0.5
±1
LSB
DNL
Differential nonlinearity
TLV5631
Vref = 1 V, 2 V
Code 20 to 1023
±0.1
±1
LSB
TLV5632
Code 6 to 255
±0.1
±1
LSB
Zero scale error (offset error at zero
EZS
±30
mV
scale)
Zero scale error temperature
EZS TC
30
µV/°C
coefficient
%Full
EG
Gain error
±0.6
Scale V
EGTC
Gain error temperature coefficient
10
ppm/°C
OUTPUT SPECIFICATIONS
VO
Voltage output range
RL = 10 kΩ
0
AVDD-0.4
V
Output load regulation
%Full
RL = 2 kΩ vs 10 kΩ
±0.3
accuracy
Scale V
REFERENCE OUTPUT
VREFOUTL
Low reference voltage
VDD > 4.75 V
1.010
1.024
1.040
V
VREFOUTH
High reference voltage
2.020
2.048
2.096
V
Iref(Source)
Output source current
1
mA
Iref(Sink)
Output sink current
-1
mA
Load capacitance
See (3)
1
10
µF
Power supply rejection
PSRR
60
dB
ratio
REFERENCE INPUT
VI
Input voltage range
0
AVDD
V
RI
Input resistance
50
k
CI
Input capacitance
10
pF
Fast
2.2
MHz
Reference input
Vref = 0.4 Vpp + 2.048 Vdc,
bandwidth
Input code = 0x800
Slow
1.9
MHz
Reference feedthrough
Vref = 2 Vpp at 1 kHz + 2.048 Vdc, See
(4)
84
dB
DIGITAL INPUTS
High-level digital input
IIH
VI = DVDD
1
µA
current
Low-level digital input
IIL
VI = 0 V
1
µA
current
CI
Input capacitance
8
pF
(3)
In parallel with a 100-nF capacitor
(4)
Reference feedthrough is measured at the DAC output with an input code = 0x000.
4
Submit Documentation Feedback
Copyright © 2000–2008, Texas Instruments Incorporated
Product Folder Link(s): TLV5630 TLV5631 TLV5632


Similar Part No. - TLV5632IDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5632IDW TI-TLV5632IDW Datasheet
272Kb / 15P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
More results

Similar Description - TLV5632IDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5630 TI-TLV5630_15 Datasheet
872Kb / 23P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
TLV5631 TI-TLV5631 Datasheet
272Kb / 15P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
TLV5624CDGK TI1-TLV5624CDGK Datasheet
941Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5624 TI-TLV5624 Datasheet
236Kb / 17P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5624 TI-TLV5624_15 Datasheet
955Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626CDR TI-TLV5626CDR Datasheet
430Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5608 TI-TLV5608 Datasheet
275Kb / 16P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5610IPWRG4 TI-TLV5610IPWRG4 Datasheet
915Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5626IDG4 TI-TLV5626IDG4 Datasheet
430Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626 TI-TLV5626 Datasheet
226Kb / 16P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com