Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D12F200E Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # D12F200E
Description  Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

D12F200E Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  D12F200E Datasheet HTML 1Page - Delta Electronics, Inc. D12F200E Datasheet HTML 2Page - Delta Electronics, Inc. D12F200E Datasheet HTML 3Page - Delta Electronics, Inc. D12F200E Datasheet HTML 4Page - Delta Electronics, Inc. D12F200E Datasheet HTML 5Page - Delta Electronics, Inc. D12F200E Datasheet HTML 6Page - Delta Electronics, Inc. D12F200E Datasheet HTML 7Page - Delta Electronics, Inc. D12F200E Datasheet HTML 8Page - Delta Electronics, Inc. D12F200E Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DATASHEET
DS_D12F200_10202013
FEATURES
High Efficiency: 94% @ 12Vin, 5.0V/40A out
Size:
30.5*27.9*11.1(1.20
’’*1.10’’*0.44’’)
Wide input range: 4.5V~13.8V
Output voltage programmable from 0.6Vdc
to 5.0Vdc via external resistors
No minimum load required
Fixed frequency operation
Input UVLO, output SCP, OVP.
Remote On/Off (Positive logic)
Power Good Function
RoHS 5 / RoHS 6
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing facility
APPLICATIONS
Telecom / DataCom
Distributed power architectures
Servers and workstations
LAN / WAN applications
Data processing applications
Delphi D12F200 Non-Isolated Point of Load
DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
The D12F200, 4.5~13.8V wide input, single output, non-isolated point
of load DC/DC converter is the latest offering from a world leader in
power systems technology and manufacturing -- Delta Electronics, Inc.
The D12F200 and ND/NE product families are part of the second
generation, non-isolated point-of-load DC/DC power modules which cut
the module size by almost 50% in most of the cases compared to the
first generation NC series POL modules for networking and data
communication applications. D12F200 product provides up to 40A
output current and the output can be resistor trimmed from 0.6Vdc to
5.0Vdc. It provides a highly efficient, high power and current density
and very cost effective point of load solution. With creative design
technology
and
optimization
of
component
placement,
these
converters possess outstanding electrical and thermal performance, as
well as extremely high reliability under highly stressful operating
conditions.


Similar Part No. - D12F200E

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
D12F200E DELTA-D12F200E Datasheet
620Kb / 14P
   Delphi D12F200 Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12F200E DELTA-D12F200E_14 Datasheet
620Kb / 14P
   Delphi D12F200 Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
More results

Similar Description - D12F200E

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
D12F200E DELTA-D12F200E_14 Datasheet
620Kb / 14P
   Delphi D12F200 Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12S2R550A DELTA-D12S2R550A Datasheet
769Kb / 11P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 50A
D12F200 DELTA-D12F200 Datasheet
623Kb / 13P
   4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12S300-1E DELTA-D12S300-1E Datasheet
947Kb / 13P
   D/E Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5Vout, 60A
D12S05020-1A DELTA-D12S05020-1A Datasheet
596Kb / 12P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.2Vin, 0.59V~5.0Vout, 20A
D12S300-1 DELTA-D12S300-1 Datasheet
656Kb / 13P
   4.5V~13.8Vin, 0.6V~5.0Vout, 60A
NE12S0A0V20PNFA DELTA-NE12S0A0V20PNFA Datasheet
433Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.59V~5.1Vout, 20A
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_08 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules:3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA_13 Datasheet
645Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA Datasheet
599Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 6Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com