Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKL26Z32VFT4 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MKL26Z32VFT4
Description  KL26 Sub-Family Data Sheet
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MKL26Z32VFT4 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MKL26Z32VFT4 Datasheet HTML 3Page - Freescale Semiconductor, Inc MKL26Z32VFT4 Datasheet HTML 4Page - Freescale Semiconductor, Inc MKL26Z32VFT4 Datasheet HTML 5Page - Freescale Semiconductor, Inc MKL26Z32VFT4 Datasheet HTML 6Page - Freescale Semiconductor, Inc MKL26Z32VFT4 Datasheet HTML 7Page - Freescale Semiconductor, Inc MKL26Z32VFT4 Datasheet HTML 8Page - Freescale Semiconductor, Inc MKL26Z32VFT4 Datasheet HTML 9Page - Freescale Semiconductor, Inc MKL26Z32VFT4 Datasheet HTML 10Page - Freescale Semiconductor, Inc MKL26Z32VFT4 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
3.8 Definition: Typical value
A typical value is a specified value for a technical characteristic that:
• Lies within the range of values specified by the operating behavior
• Given the typical manufacturing process, is representative of that characteristic
during operation when you meet the typical-value conditions or other specified
conditions
Typical values are provided as design guidelines and are neither tested nor guaranteed.
3.8.1 Example 1
This is an example of an operating behavior that includes a typical value:
Symbol
Description
Min.
Typ.
Max.
Unit
IWP
Digital I/O weak
pullup/pulldown
current
10
70
130
µA
3.8.2 Example 2
This is an example of a chart that shows typical values for various voltage and
temperature conditions:
0.90
0.95
1.00
1.05
1.10
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
150 °C
105 °C
25 °C
–40 °C
VDD (V)
TJ
Terminology and guidelines
KL26 Sub-Family Data Sheet Data Sheet, Rev. 2, 10/2013.
Freescale Semiconductor, Inc.
7


Similar Part No. - MKL26Z32VFT4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKL26Z32VFT4 NXP-MKL26Z32VFT4 Datasheet
1Mb / 61P
   Kinetis KL26 Sub-Family
Rev 5 08/2014
More results

Similar Description - MKL26Z32VFT4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KL26P64M48SF5 NXP-KL26P64M48SF5 Datasheet
1Mb / 61P
   Kinetis KL26 Sub-Family
Rev 5 08/2014
KL26P36M48SF5 NXP-KL26P36M48SF5 Datasheet
1Mb / 55P
   Kinetis KL26 Sub-Family
Rev 2 08/2014
KL26P121M48SF4 NXP-KL26P121M48SF4 Datasheet
1Mb / 63P
   Kinetis KL26 Sub-Family
Rev 5 08/2014
logo
Freescale Semiconductor...
K10P144M100SF2 FREESCALE-K10P144M100SF2 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
K10P81M100SF2 FREESCALE-K10P81M100SF2 Datasheet
865Kb / 60P
   K10 Sub-Family Data Sheet
K70P256M150SF3 FREESCALE-K70P256M150SF3 Datasheet
1Mb / 92P
   K70 Sub-Family Data Sheet
K11P80M50SF4 FREESCALE-K11P80M50SF4 Datasheet
1Mb / 54P
   K11 Sub-Family Data Sheet
K11P121M50SF4 FREESCALE-K11P121M50SF4 Datasheet
1Mb / 59P
   K11 Sub-Family Data Sheet
K12P121M50SF4 FREESCALE-K12P121M50SF4 Datasheet
1Mb / 59P
   K12 Sub-Family Data Sheet
KL14P80M48SF0 FREESCALE-KL14P80M48SF0 Datasheet
1Mb / 47P
   KL14 Sub-Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com