Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM24W16UTLZVMT8 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NM24W16UTLZVMT8
Description  16K-Bit Serial EEPROM 2-Wire Bus Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM24W16UTLZVMT8 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NM24W16UTLZVMT8 Datasheet HTML 1Page - Fairchild Semiconductor NM24W16UTLZVMT8 Datasheet HTML 2Page - Fairchild Semiconductor NM24W16UTLZVMT8 Datasheet HTML 3Page - Fairchild Semiconductor NM24W16UTLZVMT8 Datasheet HTML 4Page - Fairchild Semiconductor NM24W16UTLZVMT8 Datasheet HTML 5Page - Fairchild Semiconductor NM24W16UTLZVMT8 Datasheet HTML 6Page - Fairchild Semiconductor NM24W16UTLZVMT8 Datasheet HTML 7Page - Fairchild Semiconductor NM24W16UTLZVMT8 Datasheet HTML 8Page - Fairchild Semiconductor NM24W16UTLZVMT8 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
www.fairchildsemi.com
NM24C16U/17U Rev. B.1
Product Specifications
Absolute Maximum Ratings
Ambient Storage Temperature
–65
°C to +150°C
All Input or Output Voltages
with Respect to Ground
6.5V to –0.3V
Lead Temperature
(Soldering, 10 seconds)
+300
°C
ESD Rating
2000V min.
Operating Conditions
Ambient Operating Temperature
NM24C16U/17U
0
°C to +70°C
NM24C16UE/17UE
-40
°C to +85°C
NM24C16UV/17UV
-40
°C to +125°C
Positive Power Supply
NM24C16U/17U
4.5V to 5.5V
NM24C16UL/17UL
2.7V to 5.5V
NM24C16ULZ/17ULZ
2.7V to 5.5V
Standard V
CC (4.5V to 5.5V) DC Electrical Characteristics
Symbol
Parameter
Test Conditions
Limits
Units
Min
Typ
Max
(Note 1)
I
CCA
Active Power Supply Current
f
SCL = 400 KHz
0.2
1.0
mA
fSCL = 100 KHz
I
SB
Standby Current
V
IN = GND or VCC
10
50
µA
ILI
Input Leakage Current
VIN = GND to VCC
0.1
1
µA
I
LO
Output Leakage Current
V
OUT = GND to VCC
0.1
1
µA
VIL
Input Low Voltage
–0.3
VCC x 0.3
V
V
IH
Input High Voltage
V
CC x 0.7
V
CC + 0.5
V
VOL
Output Low Voltage
IOL = 3 mA
0.4
V
Low V
CC (2.7V to 5.5V) DC Electrical Characteristics
Symbol
Parameter
Test Conditions
Limits
Units
Min
Typ
Max
(Note 1)
I
CCA
Active Power Supply Current
f
SCL = 400 KHz
0.2
1.0
mA
fSCL = 100 KHz
I
SB
Standby Current
V
IN = GND
V
CC = 2.7V - 4.5V
1
10
µA
or V
CC
V
CC = 2.7V - 4.5V
0.1
1
µA
VCC = 4.5V - 5.5V
10
50
µA
I
LI
Input Leakage Current
V
IN = GND to VCC
0.1
1
µA
ILO
Output Leakage Current
VOUT = GND to VCC
0.1
1
µA
V
IL
Input Low Voltage
–0.3
V
CC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 0.5
V
V
OL
Output Low Voltage
I
OL = 3 mA
0.4
V
Capacitance T
A = +25°C, f = 100/400 KHz, VCC = 5V (Note 2)
Symbol
Test
Conditions
Max
Units
C
I/O
Input/Output Capacitance (SDA)
V
I/O = 0V
8
pF
CIN
Input Capacitance (A0, A1, A2, SCL)
VIN = 0V
6
pF
Note 1: Typical values are TA = 25°C and nominal supply voltage (5V).
Note 2: This parameter is periodically sampled and not 100% tested.


Similar Part No. - NM24W16UTLZVMT8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24W16 FAIRCHILD-NM24W16 Datasheet
104Kb / 14P
   2K/4K/8K/16K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
More results

Similar Description - NM24W16UTLZVMT8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C16 FAIRCHILD-NM24C16 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
   8K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
logo
Renesas Technology Corp
R1EX24016ASAS0G RENESAS-R1EX24016ASAS0G_15 Datasheet
501Kb / 18P
   Two-wire serial interface 16k EEPROM (2-kword ??8-bit)
logo
Sanyo Semicon Device
LE24LA162CB SANYO-LE24LA162CB Datasheet
121Kb / 10P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE24162LBXA SANYO-LE24162LBXA Datasheet
811Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE2416RLBXA SANYO-LE2416RLBXA Datasheet
872Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE24C162M SANYO-LE24C162M Datasheet
126Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
logo
Renesas Technology Corp
R1EX24016ASAS0G RENESAS-R1EX24016ASAS0G Datasheet
501Kb / 18P
   Two-wire serial interface 16k EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com