Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCL2.4S0A0S06NFA Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # DCL2.4S0A0S06NFA
Description  Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCL2.4S0A0S06NFA Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button DCL2.4S0A0S06NFA Datasheet HTML 5Page - Delta Electronics, Inc. DCL2.4S0A0S06NFA Datasheet HTML 6Page - Delta Electronics, Inc. DCL2.4S0A0S06NFA Datasheet HTML 7Page - Delta Electronics, Inc. DCL2.4S0A0S06NFA Datasheet HTML 8Page - Delta Electronics, Inc. DCL2.4S0A0S06NFA Datasheet HTML 9Page - Delta Electronics, Inc. DCL2.4S0A0S06NFA Datasheet HTML 10Page - Delta Electronics, Inc. DCL2.4S0A0S06NFA Datasheet HTML 11Page - Delta Electronics, Inc. DCL2.4S0A0S06NFA Datasheet HTML 12Page - Delta Electronics, Inc. DCL2.4S0A0S06NFA Datasheet HTML 13Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DS_ DCM04S0A0S12PFA_10022013
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P9
FEATURES DESCRIPTIONS (CON.)
Table 1 provides Rtrim values required for some common
output voltages, By using a 0.5% tolerance trim resistor,
set point tolerance of ±1.5% can be achieved as specified
in the electrical specification.
Table 1
0.6V
Open
1V
3K
1.2V
2K
1.5V
1.333K
1.8V
1K
2.5V
0.632K
3.3V
0.444K
Certain restrictions apply on the output voltage set point
depending on the input voltage. These are shown in the
Output Voltage vs. Input Voltage Set Point Area plot in
Figure 32. The Upper Limit curve shows that for output
voltages of 3.3V and lower, the input voltage must be
lower than the maximum of 5.5V. The Lower Limit curve
shows that for output voltages of 1.8V and higher, the input
voltage needs to be larger than the minimum of 2.4V.
Figure 32: Output Voltage vs. Input Voltage Set Point Area plot
showing limits where the output voltage can be set for different
input voltages.
Voltage Margining
Output voltage margining can be implemented in the DCM
modules by connecting a resistor, R margin-up, from the Trim
pin to the ground pin for margining-up the output voltage
and by connecting a resistor, Rmargin-down, from the Trim pin
to the output pin for margining-down. Figure 33 shows the
circuit configuration for output voltage margining. If unused,
leave the trim pin unconnected. A calculation tool is
available from the evaluation procedure which computes
the values of Rmargin-up and Rmargin-down for a specific output
voltage and margin percentage.
Vo
On/Off
Vin
GND
Trim
Q2
Q1
Rmargin-up
Rmargin-down
Rtrim
Figure 33: Circuit configuration for output voltage margining
Output Voltage Sequencing
The DCM 12V 12A modules include a sequencing feature,
EZ-SEQUENCE that enables users to implement various
types of output voltage sequencing in their applications.
This is accomplished via an additional sequencing pin.
When not using the sequencing feature, either tie the SEQ
pin to VIN or leave it unconnected.
When an analog voltage is applied to the SEQ pin, the
output voltage tracks this voltage until the output reaches
the set-point voltage. The final value of the SEQ voltage
must be set higher than the set-point voltage of the module.
The output voltage follows the voltage on the SEQ pin on a
one-to-one basis. By connecting multiple modules together,
multiple modules can track their output voltages to the
voltage applied on the SEQ pin.


Similar Part No. - DCL2.4S0A0S06NFA

ManufacturerPart #DatasheetDescription
logo
FCI connector
DCL25P064HTXLF FCI-CONNECTOR-DCL25P064HTXLF Datasheet
115Kb / 1P
   D-SUB SOLDER BUCKET CONNECTOR
More results

Similar Description - DCL2.4S0A0S06NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCT04S0A0S03NFA DELTA-DCT04S0A0S03NFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
DCS04S0A0S06NFA DELTA-DCS04S0A0S06NFA Datasheet
704Kb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.63V/6Aout
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
872Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_09 Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNT04 DELTA-DNT04 Datasheet
960Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.3Vo, 3A out
DNT04S0A0S03NFA DELTA-DNT04S0A0S03NFA Datasheet
558Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.63Vo, 3A out
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD Datasheet
744Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNL04S0A0S16NFD DELTA-DNL04S0A0S16NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS04S0A0S06PFA DELTA-DNS04S0A0S06PFA Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com