Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCS04S0A0S06PFA Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # DCS04S0A0S06PFA
Description  Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.63V/6Aout
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCS04S0A0S06PFA Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  DCS04S0A0S06PFA Datasheet HTML 1Page - Delta Electronics, Inc. DCS04S0A0S06PFA Datasheet HTML 2Page - Delta Electronics, Inc. DCS04S0A0S06PFA Datasheet HTML 3Page - Delta Electronics, Inc. DCS04S0A0S06PFA Datasheet HTML 4Page - Delta Electronics, Inc. DCS04S0A0S06PFA Datasheet HTML 5Page - Delta Electronics, Inc. DCS04S0A0S06PFA Datasheet HTML 6Page - Delta Electronics, Inc. DCS04S0A0S06PFA Datasheet HTML 7Page - Delta Electronics, Inc. DCS04S0A0S06PFA Datasheet HTML 8Page - Delta Electronics, Inc. DCS04S0A0S06PFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DS_DCS04S0A0S06NFA_03192012
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P3
ELECTRICAL CHARACTERISTICS CURVES
Figure 1: Converter efficiency vs. output current (0.6V out)
Figure 2: Converter efficiency vs. output current (1.2V out)
Figure 3: Converter efficiency vs. output current (1.5V out)
Figure 4: Converter efficiency vs. output current (1.8V out)
Figure 5: Converter efficiency vs. output current (2.5V out)
Figure 6: Converter efficiency vs. output current (3.3V out)


Similar Part No. - DCS04S0A0S06PFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCS04S0A0S06PFA DELTA-DCS04S0A0S06PFA Datasheet
915Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69V-5V/20Aout
DCS04S0A0S06PFA DELTA-DCS04S0A0S06PFA Datasheet
998Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
DCS04S0A0S06PFA DELTA-DCS04S0A0S06PFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
DCS04S0A0S06PFA DELTA-DCS04S0A0S06PFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCS04S0A0S06PFA DELTA-DCS04S0A0S06PFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
More results

Similar Description - DCS04S0A0S06PFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCM04S0A0S12PFA DELTA-DCM04S0A0S12PFA Datasheet
998Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
DCT04S0A0S03NFA DELTA-DCT04S0A0S03NFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_09 Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNK05S0A0R30NFA DELTA-DNK05S0A0R30NFA Datasheet
746Kb / 15P
   Non-Isolated, Point of Load DC/DC Power Modules: 4,5~5.5Vin, 0.8V~3.63V/30Aout
DNS04S0A0S06PFA DELTA-DNS04S0A0S06PFA Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_08 Datasheet
690Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNT04 DELTA-DNT04 Datasheet
960Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.3Vo, 3A out
DNT04S0A0S03NFA DELTA-DNT04S0A0S03NFA Datasheet
558Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.63Vo, 3A out
DCS12S0A0S06NFA DELTA-DCS12S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
872Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com