Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MG06400D-BN1MM Datasheet(PDF) 5 Page - Littelfuse

Part # MG06400D-BN1MM
Description  MG06400D-BN1MM Series 400A Dual IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MG06400D-BN1MM Datasheet(HTML) 5 Page - Littelfuse

  MG06400D-BN1MM Datasheet HTML 1Page - Littelfuse MG06400D-BN1MM Datasheet HTML 2Page - Littelfuse MG06400D-BN1MM Datasheet HTML 3Page - Littelfuse MG06400D-BN1MM Datasheet HTML 4Page - Littelfuse MG06400D-BN1MM Datasheet HTML 5Page - Littelfuse MG06400D-BN1MM Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Power Module
5
Revised: July 26, 2013 04:44 PM
©2013 Littelfuse, Inc
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
MG06400D-BN1MM
600V IGBT Family
Figure 13:Transient Thermal Impedance of IGBT
10-1
10-2
10-3
1
10-1
10-2
10-3
10-4
10-4
Duty
0.5
0.2
0.1
0.05
Single Pulse
1
Rectangular Pulse Duration (seconds)
Figure 14:Transient Thermal Impedance of Diode
10-4
10-4
10-3
10-3
10-2
10-2
10-1
10-1
1
1
Duty
0.5
0.2
0.1
0.05
Single Pulse
Rectangular Pulse Duration (seconds)
Dimensions-Package D
Circuit Diagram and Pin Assignment


Similar Part No. - MG06400D-BN1MM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MG06400D-BN4MM LITTELFUSE-MG06400D-BN4MM Datasheet
1Mb / 5P
   MG06400D-BN4MM Series 400A Dual IGBT
More results

Similar Description - MG06400D-BN1MM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MG06400D-BN4MM LITTELFUSE-MG06400D-BN4MM Datasheet
1Mb / 5P
   MG06400D-BN4MM Series 400A Dual IGBT
logo
Nihon Inter Electronics...
PDMB400A6 NIEC-PDMB400A6 Datasheet
111Kb / 3P
   IGBT MODULE Dual 400A 600V
PDMB400B12 NIEC-PDMB400B12 Datasheet
116Kb / 3P
   IGBT MODULE Dual 400A 1200V
PDMB400B12C NIEC-PDMB400B12C Datasheet
116Kb / 3P
   IGBT MODULE Dual 400A 1200V
logo
Fuji Electric
2MBI400N-060-01 FUJI-2MBI400N-060-01 Datasheet
249Kb / 4P
   IGBT(600V / 400A)
2MBI400N-060 FUJI-2MBI400N-060 Datasheet
156Kb / 4P
   IGBT(600V,400A)
2MBI400L-060 FUJI-2MBI400L-060 Datasheet
218Kb / 4P
   IGBT(600V 400A)
logo
MacMic
MMG400D170B6EN MACMIC-MMG400D170B6EN Datasheet
308Kb / 5P
   1700V 400A IGBT Module
MMG400D120B6TN MACMIC-MMG400D120B6TN Datasheet
542Kb / 5P
   1200V 400A IGBT Module
MMG400D120UA6TC MACMIC-MMG400D120UA6TC Datasheet
539Kb / 6P
   1200V 400A IGBT Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com