Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCS04S0A0S12PFA Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # DCS04S0A0S12PFA
Description  Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCS04S0A0S12PFA Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button DCS04S0A0S12PFA Datasheet HTML 4Page - Delta Electronics, Inc. DCS04S0A0S12PFA Datasheet HTML 5Page - Delta Electronics, Inc. DCS04S0A0S12PFA Datasheet HTML 6Page - Delta Electronics, Inc. DCS04S0A0S12PFA Datasheet HTML 7Page - Delta Electronics, Inc. DCS04S0A0S12PFA Datasheet HTML 8Page - Delta Electronics, Inc. DCS04S0A0S12PFA Datasheet HTML 9Page - Delta Electronics, Inc. DCS04S0A0S12PFA Datasheet HTML 10Page - Delta Electronics, Inc. DCS04S0A0S12PFA Datasheet HTML 11Page - Delta Electronics, Inc. DCS04S0A0S12PFA Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DS_DCS12S0A0S06NFA_12072012
8
Figure 21: Typical transient response to step load change at
1
A/μS from 100%~ 50%~100% of Io, max at 12Vin,
2.5Vout
(Cout = 1uF+ 47uF+
10μF ceramic)
CH1 : VOUT, 0.1V/div, 200uS/div
Figure 22: Typical transient response to step load change at
1
A/μS from 100%~ 50%~100% of Io, max at 12Vin,
1.8Vout
(Cout = 1uF+ 47uF+
10μF ceramic)
CH1 : VOUT, 0.1V/div,200uS/div
Figure 23: Typical transient response to step load change at
1
A/μS from 100%~ 50%~100% of Io, max at 12Vin,
1.2Vout
(Cout = 1uF+ 47uF+
10μF ceramic)
CH1 : VOUT, 0.1V/div, 200uS/div
Figure 24: Typical transient response to step load change at
1
A/μS from 100%~ 50%~100% of Io, max at 12Vin,
0.59Vout
(Cout = 1uF+ 47uF+
10μF ceramic)
CH1 : VOUT, 0.1V/div, 200uS/div


Similar Part No. - DCS04S0A0S12PFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCS04S0A0S12PFA DELTA-DCS04S0A0S12PFA Datasheet
915Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69V-5V/20Aout
DCS04S0A0S12PFA DELTA-DCS04S0A0S12PFA Datasheet
998Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
DCS04S0A0S12PFA DELTA-DCS04S0A0S12PFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
DCS04S0A0S12PFA DELTA-DCS04S0A0S12PFA Datasheet
704Kb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.63V/6Aout
DCS04S0A0S12PFA DELTA-DCS04S0A0S12PFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
More results

Similar Description - DCS04S0A0S12PFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCT12S0A0S03PFA DELTA-DCT12S0A0S03PFA Datasheet
774Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.5V/3Aout
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
DCL12S0A0S20NFA DELTA-DCL12S0A0S20NFA Datasheet
915Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69V-5V/20Aout
DNL10S0A0S20NFD DELTA-DNL10S0A0S20NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
567Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNS10S0A0S06PFD DELTA-DNS10S0A0S06PFD Datasheet
639Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S16PFD DELTA-DNL10S0A0S16PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNL10S0A0R20PFD DELTA-DNL10S0A0R20PFD Datasheet
624Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNM10S0A0S10PFD DELTA-DNM10S0A0S10PFD Datasheet
652Kb / 14P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/10A out
DNL10S0A0R16PFD DELTA-DNL10S0A0R16PFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com