Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNK05S0A0R30NFA Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # DNK05S0A0R30NFA
Description  Non-Isolated, Point of Load DC/DC Power Modules: 4,5~5.5Vin, 0.8V~3.63V/30Aout
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNK05S0A0R30NFA Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button DNK05S0A0R30NFA Datasheet HTML 7Page - Delta Electronics, Inc. DNK05S0A0R30NFA Datasheet HTML 8Page - Delta Electronics, Inc. DNK05S0A0R30NFA Datasheet HTML 9Page - Delta Electronics, Inc. DNK05S0A0R30NFA Datasheet HTML 10Page - Delta Electronics, Inc. DNK05S0A0R30NFA Datasheet HTML 11Page - Delta Electronics, Inc. DNK05S0A0R30NFA Datasheet HTML 12Page - Delta Electronics, Inc. DNK05S0A0R30NFA Datasheet HTML 13Page - Delta Electronics, Inc. DNK05S0A0R30NFA Datasheet HTML 14Page - Delta Electronics, Inc. DNK05S0A0R30NFA Datasheet HTML 15Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DS_DNK05SIP_06042012
11
FEATURES DESCRIPTIONS (CON.)
Table 1 provides Rtrim values required for some common
output voltages. By using a 0.5% tolerance trim resistor,
set point tolerance of ±1.5% can be achieved as specified
in the electrical specification.
Table 1
VO (V)
Rtrim (Ω)
0.8
Open
1.2
2900
1.5
1614
1.8
1100
2.5
606
3.3
380
5.0
185.7
Voltage Margining
Output voltage margining can be implemented in the
DNK modules by connecting a resistor, R margin-up, from the
Trim pin to the ground pin for margining-up the output
voltage and by connecting a resistor, Rmargin-down, from the
Trim pin to the output pin for margining-down. Figure 39
shows the circuit configuration for output voltage
margining. If unused, leave the trim pin unconnected. A
calculation tool is available from the evaluation procedure
which computes the values of R margin-up and Rmargin-down for
a specific output voltage and margin percentage.
Vo
On/Off
Vin
GND
Trim
Q2
Q1
Rmargin-up
Rmargin-down
Rtrim
Figure 39: Circuit configuration for output voltage margining
FEATURES DESCRIPTIONS (CON.)
Voltage Tracking
The DNK family was designed for applications that have
output voltage tracking requirements during power-up
and power-down. The devices have a TRACK pin to
implement three types of tracking method: sequential,
simultaneous and ratio-metric. TRACK simplifies the task
of supply voltage tracking in a power system by enabling
modules to track each other, or any external voltage,
during power-up and power-down.
By connecting multiple modules together, customers can
get multiple modules to track their output voltages to the
voltage applied on the TRACK pin.
The DNK family has option code A for TRACK function.
The output voltage Track characteristic can be achieved
when the output voltage of PS2 follows the output
voltage of PS1 on a volt-to-volt basis.
Figure 40: Simultaneous tracking
Simultaneous tracking (Figure 40) is implemented by
using a voltage divider around the TRACK pin. The
objective is to minimize the voltage difference between
the power supply outputs during power up and down.
For type A (DNX0A0XXXX A), the simultaneous tracking
can be accomplished by connecting VoPS1 to the TRACK
pin of PS2 where the voltage divider is inside the PS2.


Similar Part No. - DNK05S0A0R30NFA

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DNK1101M STANLEY-DNK1101M Datasheet
278Kb / 12P
   Surface Mount Type/High-output IRED for Automotive
DNK1101W STANLEY-DNK1101W Datasheet
544Kb / 14P
   Surface Mount IRED/Inner Lens Type
DNK1102W STANLEY-DNK1102W Datasheet
288Kb / 17P
   Surface Mount IRED/Inner Lens Type
DNK1105W STANLEY-DNK1105W Datasheet
280Kb / 14P
   Surface Mount IRED/Dome Lens Type
DNK1111C STANLEY-DNK1111C Datasheet
286Kb / 17P
   Surface Mount IRED/1608 ( t = 0.7 mm) Type
More results

Similar Description - DNK05S0A0R30NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNK12S0A0R30NFA DELTA-DNK12S0A0R30NFA Datasheet
771Kb / 15P
   Non-Isolated, Point of Load DC/DC Power Modules: 6~14Vin, 0.8V~5.5V/30Aout
DCS04S0A0S06NFA DELTA-DCS04S0A0S06NFA Datasheet
704Kb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.63V/6Aout
DCM04S0A0S12PFA DELTA-DCM04S0A0S12PFA Datasheet
998Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
DCT04S0A0S03NFA DELTA-DCT04S0A0S03NFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
872Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_09 Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD Datasheet
744Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNL04S0A0S16NFD DELTA-DNL04S0A0S16NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNT04 DELTA-DNT04 Datasheet
960Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.3Vo, 3A out
DNT04S0A0S03NFA DELTA-DNT04S0A0S03NFA Datasheet
558Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.63Vo, 3A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com