Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCM12S0A0S06NFA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # DCM12S0A0S06NFA
Description  Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCM12S0A0S06NFA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DCM12S0A0S06NFA Datasheet HTML 1Page - Delta Electronics, Inc. DCM12S0A0S06NFA Datasheet HTML 2Page - Delta Electronics, Inc. DCM12S0A0S06NFA Datasheet HTML 3Page - Delta Electronics, Inc. DCM12S0A0S06NFA Datasheet HTML 4Page - Delta Electronics, Inc. DCM12S0A0S06NFA Datasheet HTML 5Page - Delta Electronics, Inc. DCM12S0A0S06NFA Datasheet HTML 6Page - Delta Electronics, Inc. DCM12S0A0S06NFA Datasheet HTML 7Page - Delta Electronics, Inc. DCM12S0A0S06NFA Datasheet HTML 8Page - Delta Electronics, Inc. DCM12S0A0S06NFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
DS_DCT04S0A0S03NFA_05292012
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P2
TECHNICAL SPECIFICATIONS
PARAMETER
NOTES and CONDITIONS
DCT04S0A0S03NFA
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
-0.3
6
Vdc
Tracking Voltage
-0.3
Vin,max
Vdc
Operating Ambient Temperature
-40
85
°C
Storage Temperature
-55
125
°C
INPUT CHARACTERISTICS
Operating Input Voltage
Vo ≦ Vin
–0.6
2.4
5.5
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
2.2
V
Turn-Off Voltage Threshold
2.0
V
Maximum Input Current
Vin=2.4V to 5.5V, Vo=1.8V, Io=Io,max,
3.25
A
No-Load Input Current
Vin=5V
15
mA
Off Converter Input Current
Vin=5V
5
mA
Inrush Transient
1
A2S
Input Reflected Ripple Current, peak-to-peak
(5Hz to 20MHz, 1μH source impedance; VIN =0 to 5.5V, Io= Iomax ;
25
mAp-p
Input Ripple Rejection (120Hz)
40
dB
OUTPUT CHARACTERISTICS
Output Voltage Set Point
with 0.5% tolerance for
external resistor used to set output voltage)
-1.5
Vo,set
+1.5
% Vo,set
Output Voltage Adjustable Range
0.6
3.3
V
Output Voltage Regulation
Over Line
For Vo>=2.5V
0.4
% Vo,set
For Vo<2.5V
10
mV
Over Load
For Vo>=2.5V
10
mV
For Vo<2.5V
5
mV
Over Temperature
Ta=-40℃ to 85℃
0.4
% Vo,set
Total Output Voltage Range
Over sample load, line and temperature
-3.0
+3.0
% Vo,set
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 1µF ceramic, 10µF tantalum
25
35
mV
RMS
Full Load, 1µF ceramic, 10µF tantalum
10
15
mV
Output Current Range
0
3
A
Output Voltage Over-shoot at Start-up
Vout=3.3V
1
% Vo,set
Output DC Current-Limit Inception
Hiccup mode,
250
% Io
Output Short-Circuit Current (Hiccup Mode)
Io,s/c
1
Adc
DYNAMIC CHARACTERISTICS
Dynamic Load Response
10µF Tan & 1µF Ceramic load cap,
2.5A/µs,Co=47u,Vin=5V,Vo=1.8V
Positive Step Change in Output Current
0-50% Iomax
180
mV
Negative Step Change in Output Current
50% Iomax-0
180
mV
Settling Time to 10% of Peak Deviation
500
µs
Turn-On Transient
Io=Io.max
Start-Up Time, From On/Off Control
Von/off, Vo=10% of Vo,set
2
ms
Start-Up Time, From Input
Vin=Vin,min, Vo=10% of Vo,set
2
ms
Output Voltage Rise Time
Time for Vo to rise from 10% to 90% of Vo,set
2
5
ms
Output Capacitive Load
Full load; ESR ≧
0.15mΩ
47
1000
µF
Full load; ESR ≧
10mΩ
47
3000
µF
EFFICIENCY
Vo=3.3V
Vin=5V, 100% Load
96.5
%
Vo=2.5V
Vin=5V, 100% Load
95.5
%
Vo=1.8V
Vin=5V, 100% Load
93.5
%
Vo=1.5V
Vin=5V, 100% Load
92.0
%
Vo=1.2V
Vin=5V, 100% Load
90.0
%
Vo=0.6V
Vin=5V, 100% Load
83.0
%
FEATURE CHARACTERISTICS
Switching Frequency
600
kHz
ON/OFF Control, (Negative logic)
Logic Low Voltage
Module On, Von/off
-0.2
Vin-1.6
V
Logic High Voltage
Module Off, Von/off
Vin-0.8
Vin,max
V
Logic Low Current
Module On, Ion/off
200
µA
Logic High Current
Module Off, Ion/off
0.2
1
mA
ON/OFF Control, (Positive Logic)
Logic High Voltage
Module On, Von/off
1.6
Vin,max
V
Logic Low Voltage
Module Off, Von/off
-0.3
0.3
V
Logic Low Current
Module On, Ion/off
0.2
1
mA
Logic High Current
Module Off, Ion/off
10
µA
0Tracking Slew Rate Capability
0.1
2
V/msec
Tracking Delay Time
Delay from Vin.min to application of tracking voltage
10
ms
Tracking Accuracy
Power-up
2V/mS
100
mV
Power-down
1V/mS
100
mV
GENERAL SPECIFICATIONS
MTBF
Io=80% of Io, max; Ta=25°C
1
M hours
Weight
2.0
grams
(TA = 25°C, airflow rate = 300 LFM, Vin =2.4Vdc to 5.5Vdc, nominal Vout unless otherwise noted.)


Similar Part No. - DCM12S0A0S06NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCM12S0A0S06NFA DELTA-DCM12S0A0S06NFA Datasheet
915Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69V-5V/20Aout
DCM12S0A0S06NFA DELTA-DCM12S0A0S06NFA Datasheet
998Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
DCM12S0A0S06NFA DELTA-DCM12S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
DCM12S0A0S06NFA DELTA-DCM12S0A0S06NFA Datasheet
704Kb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.63V/6Aout
DCM12S0A0S06NFA DELTA-DCM12S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
More results

Similar Description - DCM12S0A0S06NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCM04S0A0S12PFA DELTA-DCM04S0A0S12PFA Datasheet
998Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
DCS04S0A0S06NFA DELTA-DCS04S0A0S06NFA Datasheet
704Kb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.63V/6Aout
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
872Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_09 Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNT04 DELTA-DNT04 Datasheet
960Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.3Vo, 3A out
DNT04S0A0S03NFA DELTA-DNT04S0A0S03NFA Datasheet
558Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.63Vo, 3A out
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD Datasheet
744Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNL04S0A0S16NFD DELTA-DNL04S0A0S16NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS04S0A0S06PFA DELTA-DNS04S0A0S06PFA Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_08 Datasheet
690Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com