Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA01D1203A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DA01D1203A
Description  6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DA01D1203A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DA01D1203A Datasheet HTML 1Page - Delta Electronics, Inc. DA01D1203A Datasheet HTML 2Page - Delta Electronics, Inc. DA01D1203A Datasheet HTML 3Page - Delta Electronics, Inc. DA01D1203A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DG06S/D Series
6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DS_DG06S/D_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 86%
DIP Package with Industry Standard Pinout
1500VDC Voltage Isolation
2:1 Wide Input Range
Low ripple and noise
Complies with EN55022 Class A
Temperature Performance -40
℃ to +71℃
Short Circuit Protection
Internal SMD Construction
Lead free, RoHs Compliant
3 Years Product Warranty
The DG06S/D series are miniature, DIP Package, isolated 6W DC/DC converters with 1,500VDC isolation. It offers short circuit
protection and allows a wide operating temperature range of –40°C to +71°C. These isolated DC/DC converters are the latest
offering from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc. With creative design
technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as
well as extremely high reliability under highly stressful operating conditions. .
Model List
Output
Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Reflected
Ripple
Current
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA(typ.)
uF
%
DG06S0503A
3.3
1200
60
1056
75
DG06S0505A
5
1000
50
1265
79
DG06S0512A
12
500
25
1463
82
DG06S0515A
15
400
20
1463
6800
82
DG06D0505A
±5
±500
±25
1265
79
DG06D0512A
±12
±250
±12.5
1463
82
DG06D0515A
5
(4.5 ~ 7)
±15
±200
±10
1463
80
100
1000*
82
DG06S1203A
3.3
1200
60
429
77
DG06S1205A
5
1000
50
514
81
DG06S1212A
12
500
25
595
84
DG06S1215A
15
400
20
595
6800
84
DG06D1205A
±5
±500
±25
514
81
DG06D1212A
±12
±250
±12.5
595
84
DG06D1215A
12
(9 ~ 18)
±15
±200
±10
595
30
25
1000*
84
DG06S2403A
3.3
1200
60
209
79
DG06S2405A
5
1000
50
251
83
DG06S2412A
12
500
25
291
86
DG06S2415A
15
400
20
291
6800
86
DG06D2405A
±5
±500
±25
251
83
DG06D2412A
±12
±250
±12.5
291
86
DG06D2415A
24
(18 ~ 36)
±15
±200
±10
291
15
15
1000*
86
DG06S4803A
3.3
1200
60
104
79
DG06S4805A
5
1000
50
126
83
DG06S4812A
12
500
25
145
86
DG06S4815A
15
400
20
145
6800
86
DG06D4805A
±5
±500
±25
126
83
DG06D4812A
±12
±250
±12.5
145
86
DG06D4815A
48
(36 ~75)
±15
±200
±10
145
8
10
1000*
86
*For each output


Similar Part No. - DA01D1203A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DA01D1203A DELTA-DA01D1203A Datasheet
232Kb / 4P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
DA01D1203A DELTA-DA01D1203A Datasheet
220Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
DA01D1203A DELTA-DA01D1203A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DA01D1203A DELTA-DA01D1203A Datasheet
222Kb / 4P
   3W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
DA01D1203A DELTA-DA01D1203A Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results

Similar Description - DA01D1203A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DG06S0503A DELTA-DG06S0503A Datasheet
221Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH06S DELTA-DH06S Datasheet
212Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DP06S DELTA-DP06S Datasheet
218Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, Wide 2:1 Input Range
DH06S1203A DELTA-DH06S1203A Datasheet
214Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DR06S DELTA-DR06S Datasheet
227Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DR06S2403A DELTA-DR06S2403A Datasheet
228Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS06S2403A DELTA-DS06S2403A Datasheet
247Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS06S DELTA-DS06S Datasheet
296Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DK03S DELTA-DK03S Datasheet
221Kb / 5P
   2W DC/DC CONVERTER, DIP-Package,Wide 2:1 Input Range
DB02S DELTA-DB02S Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com