Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCL12S0A0S06NFA Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # DCL12S0A0S06NFA
Description  Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.5V/3Aout
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCL12S0A0S06NFA Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button DCL12S0A0S06NFA Datasheet HTML 3Page - Delta Electronics, Inc. DCL12S0A0S06NFA Datasheet HTML 4Page - Delta Electronics, Inc. DCL12S0A0S06NFA Datasheet HTML 5Page - Delta Electronics, Inc. DCL12S0A0S06NFA Datasheet HTML 6Page - Delta Electronics, Inc. DCL12S0A0S06NFA Datasheet HTML 7Page - Delta Electronics, Inc. DCL12S0A0S06NFA Datasheet HTML 8Page - Delta Electronics, Inc. DCL12S0A0S06NFA Datasheet HTML 9Page - Delta Electronics, Inc. DCL12S0A0S06NFA Datasheet HTML 10Page - Delta Electronics, Inc. DCL12S0A0S06NFA Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DS_DCT12S0A0S03PFA_09172013
7
ELECTRICAL CHARACTERISTICS CURVES
Figure 17: Typical transient response to step load change at
1
A/μS from 100%~ 0%~100% of Io, max at 12Vin,
5.0Vout
(Cout = 1uF ceramic, 47uF+
10μFceramic)
CH1 : VOUT, 0.1V/div, 5mS/div
Figure 18: Typical transient response to step load change at
1
A/μS from 100%~ 0%~100% of Io, max at 12Vin,
2.5Vout
(Cout = 1uF ceramic, 47uF+
10μFceramic)
CH1 : VOUT, 0.1V/div, 5mS/div
Figure 19: Typical transient response to step load change at
1
A/μS from 100%~ 0%~100% of Io, max at 12Vin,
1.2Vout
(Cout = 1uF ceramic, 47uF+
10μFceramic)
CH1 : VOUT, 0.1V/div, 5mS/div
Figure 20: Typical transient response to step load change at
1
A/μS from 100%~ 0%~100% of Io, max at 12Vin,
0.59Vout
(Cout = 1uF ceramic, 47uF+
10μFceramic)
CH1 : VOUT, 0.1V/div, 5mS/div


Similar Part No. - DCL12S0A0S06NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCL12S0A0S06NFA DELTA-DCL12S0A0S06NFA Datasheet
915Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69V-5V/20Aout
DCL12S0A0S06NFA DELTA-DCL12S0A0S06NFA Datasheet
998Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
DCL12S0A0S06NFA DELTA-DCL12S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
DCL12S0A0S06NFA DELTA-DCL12S0A0S06NFA Datasheet
704Kb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.63V/6Aout
DCL12S0A0S06NFA DELTA-DCL12S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
More results

Similar Description - DCL12S0A0S06NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCS12S0A0S06NFA DELTA-DCS12S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCL12S0A0S20NFA DELTA-DCL12S0A0S20NFA Datasheet
915Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69V-5V/20Aout
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
DNK12S0A0R30NFA DELTA-DNK12S0A0R30NFA Datasheet
771Kb / 15P
   Non-Isolated, Point of Load DC/DC Power Modules: 6~14Vin, 0.8V~5.5V/30Aout
DCT04S0A0S03NFA DELTA-DCT04S0A0S03NFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA_13 Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
567Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S20NFD DELTA-DNL10S0A0S20NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNS10S0A0S06PFD DELTA-DNS10S0A0S06PFD Datasheet
639Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S16PFD DELTA-DNL10S0A0S16PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com