Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL03S1205A Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # DL03S1205A
Description  3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DL03S1205A Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  DL03S1205A Datasheet HTML 1Page - Delta Electronics, Inc. DL03S1205A Datasheet HTML 2Page - Delta Electronics, Inc. DL03S1205A Datasheet HTML 3Page - Delta Electronics, Inc. DL03S1205A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS_DL03S/D_07182012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P4
Part Numbering System
D
L
03
S
24
05
A
Form factor
Family series
Watt
Number of
Outputs
Input Voltage
Output Voltage
Option Code
D-DIP
A~Z
01:1W
S - Single
03:3.3V
03:3.3V
A - Std. Functions
P-SIP
02:2W
D- Dual
05: 5V
05: 5V
S-SMD
03:3W
12:12V
12:12V
04:4W
24: 24V
15: 15V
06:6W
48:48V
24: 24V
WARRANTY
Delta offers a three(3) years limited warranty. Complete warranty information is listed on our web site or is available upon request from Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta for its use, nor for any
infringements of patents or other rights of third parties, which may result from its use. No license is granted by implication or otherwise under
any patent or patent rights of Delta. Delta reserves the right to revise these specifications at any time, without notice.


Similar Part No. - DL03S1205A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DL03S2403A DELTA-DL03S2403A Datasheet
215Kb / 5P
   3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DL03S2405A DELTA-DL03S2405A Datasheet
215Kb / 5P
   3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DL03S2412A DELTA-DL03S2412A Datasheet
215Kb / 5P
   3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DL03S2415A DELTA-DL03S2415A Datasheet
215Kb / 5P
   3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DL03S4803A DELTA-DL03S4803A Datasheet
215Kb / 5P
   3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
More results

Similar Description - DL03S1205A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DL03S2403A DELTA-DL03S2403A Datasheet
215Kb / 5P
   3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DD03S DELTA-DD03S Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DD03S0505A DELTA-DD03S0505A Datasheet
211Kb / 5P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DS06S DELTA-DS06S Datasheet
296Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DR06S DELTA-DR06S Datasheet
227Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DF04S2403A DELTA-DF04S2403A Datasheet
220Kb / 5P
   4W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DR06S2403A DELTA-DR06S2403A Datasheet
228Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS06S2403A DELTA-DS06S2403A Datasheet
247Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DF04S DELTA-DF04S Datasheet
219Kb / 4P
   4W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
SE03S DELTA-SE03S Datasheet
222Kb / 4P
   3W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com