Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3820-33DBVRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3820-33DBVRG4
Description  Processor Supervisory Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3820-33DBVRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS3820-33DBVRG4 Datasheet HTML 1Page - Texas Instruments TPS3820-33DBVRG4 Datasheet HTML 2Page - Texas Instruments TPS3820-33DBVRG4 Datasheet HTML 3Page - Texas Instruments TPS3820-33DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS3820-33DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS3820-33DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS3820-33DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS3820-33DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS3820-33DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
RESET
MR
WDI
100 nF
VDD
GND
TPS3823-33
VDD
RESET
I/O
GND
MSP430C325
3.3 V
3
2
4
5
TPS3820, TPS3823, TPS3828: DBV PACKAGE
TPS3820A, TPS3823A, TPS3828A: DBV PACKAGE
(TOP VIEW)
1
RESET
GND
MR
VDD
WDI
3
2
4
5
TPS3825 and TPS3825A: DBV PACKAGE
(TOP VIEW)
1
RESET
GND
RESET
VDD
MR
3
2
4
5
TPS3824 and TPS3824A: DBV PACKAGE
(TOP VIEW)
1
RESET
GND
RESET
VDD
WDI
TPS382x-xx
TPS382xA-xx
www.ti.com
SLVS165J – APRIL 1998 – REVISED APRIL 2013
Processor Supervisory Circuits
Check for Samples: TPS382x-xx, TPS382xA-xx
1
FEATURES
2
Power-On Reset Generator With Fixed Delay
Time of 200 ms (TPS3823/4/5/8) or 25 ms
(TPS3820)
Manual Reset Input (TPS3820/3/5/8)
Reset Output Available in Active-Low
(TPS3820/3/4/5), Active-High (TPS3824/5) and
Open-Drain (TPS3828)
Supply Voltage Supervision Range:
2.5 V, 3 V, 3.3 V, 5 V
Watchdog Timer (TPS3820/3/4/8)
Supply Current of 15
μA (Typ)
SOT23-5 Package
Temperature Range:
−40°C to 85°C
APPLICATIONS
Applications Using DSPs, Microcontrollers, or
Microprocessors
Industrial Equipment
Programmable Controls
Automotive Systems
Portable/Battery-Powered Equipment
Intelligent Instruments
Wireless Communications Systems
Notebook/Desktop Computers
TYPICAL APPLICATION
DESCRIPTION
The TPS382x family of supervisors provide circuit
initialization and timing supervision, primarily for DSP
and processor-based systems. During power-on,
RESET
asserts
when
the
supply
voltage
VDD
becomes higher than 1.1 V. Thereafter, the supply
voltage supervisor monitors VDD and keeps RESET
active as long as VDD remains below the threshold
voltage, VIT−. An internal timer delays the return of
the output to the inactive state (high) to ensure proper
system reset. The delay time, td, starts after VDD has
risen above the threshold voltage, VIT−. When the
supply voltage drops below the threshold voltage
VIT−, the output becomes active (low) again. No
external components are required. All the devices of
this family have a fixed-sense threshold voltage, VIT–,
set by an internal voltage divider.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 1998–2013, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS3820-33DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3820-33DBVRG4 TI-TPS3820-33DBVRG4 Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVRG4 TI-TPS3820-33DBVRG4 Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVRG4 TI-TPS3820-33DBVRG4 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVRG4 TI1-TPS3820-33DBVRG4 Datasheet
635Kb / 20P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVRG4 TI1-TPS3820-33DBVRG4 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
More results

Similar Description - TPS3820-33DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33 TI1-TPS3820-33 Datasheet
635Kb / 20P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33QDBVRQ1 TI1-TPS3820-33QDBVRQ1 Datasheet
236Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
JUNE 2008
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com