Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DI04S2405A Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # DI04S2405A
Description  6W DC/DC CONVERTER, DIP-Package, High Isolation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DI04S2405A Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DI04S2405A Datasheet HTML 1Page - Delta Electronics, Inc. DI04S2405A Datasheet HTML 2Page - Delta Electronics, Inc. DI04S2405A Datasheet HTML 3Page - Delta Electronics, Inc. DI04S2405A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS_DJ06S/D_07162012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Input Characteristics
Parameter
Model
Min.
Typ.
Max.
Unit
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
24V Input Models
7
8
9
Start-Up Voltage
48V Input Models
14
16
18
24V Input Models
---
---
8.5
Under Voltage Shutdown
48V Input Models
---
---
16
VDC
Short Circuit Input Power
---
---
3000
mW
Internal Power Dissipation
---
---
2500
mW
Conducted EMI
All Models
Compliance to EN 55022,class A and FCC part 15,class A
Output Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
---
±1.0
±2.0
%
Output Voltage Balance
Dual Output, Balanced Loads
---
±1.0
±2.0
%
Line Regulation
Vin=Min. to Max.
---
±0.1
±0.5
%
Load Regulation
Io=0% to 100%
---
±0.6
±1.2
%
Min.Load
No minimum Load Requirement
Ripple & Noise (20MHz)
---
50
80
mV P-P
Ripple & Noise (20MHz)
Over Line, Load & Temp.
---
---
100
mV P-P
Transient Recovery Time
---
300
600
uS
Transient Response Deviation
25% Load Step Change
---
±3
---
%
Temperature Coefficient
---
±0.01
±0.02
%/
Over Load Protection
Foldback
110
150
---
%
Short Circuit Protection
Continuous
General Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Standard
1500
---
---
VDC
I/O Isolation Voltage (rated)
60 Seconds
Suffix H (note 5)
3000
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
---
1000
---
pF
Switching Frequency
---
330
---
KHz
MTBF (calculated)
MIL-HDBK-217F@25
℃, Ground Benign
800,000
---
---
Hours
Safety Approvals(pending)
UL/cUL 60950-1 recognition(CSA certificate), IEC/EN 60950-1(CB-scheme)
Recommended Input Fuse
24V Input Models
48V Input Models
1500mA Slow-Blow Type
800mA Slow-Blow Type
Environmental Characteristics
Parameter
Conditions
Min.
Max.
Unit
Operating Temperature Range
(with Derating)
Ambient
-40
+85
Case Temperature
---
+100
Storage Temperature Range
-50
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature
(1.5mm from case for 10Sec.)
---
260
P2


Similar Part No. - DI04S2405A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DI04S2403A DELTA-DI04S2403A Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results

Similar Description - DI04S2405A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DU06S DELTA-DU06S Datasheet
215Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
DU06S1205A DELTA-DU06S1205A Datasheet
216Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
logo
Minmax Technology Co., ...
MGWI06 MINMAX-MGWI06_15 Datasheet
487Kb / 4P
   DC/DC CONVERTER 6W, DIP Package
MIW06 MINMAX-MIW06_15 Datasheet
652Kb / 5P
   DC/DC CONVERTER 6W, DIP-Package
MIWI06 MINMAX-MIWI06_15 Datasheet
631Kb / 5P
   DC/DC CONVERTER 6W, DIP-Package
logo
Mean Well Enterprises C...
SCWN06 MEANWELL-SCWN06 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
logo
Delta Electronics, Inc.
DC02S DELTA-DC02S Datasheet
199Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
DA01S DELTA-DA01S Datasheet
232Kb / 4P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
DA01S DELTA-DA01S_14 Datasheet
235Kb / 5P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
DK02S DELTA-DK02S Datasheet
318Kb / 4P
   2W DC/DC CONVERTER, DIP Package, High Isolation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com