Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNS10S0A0R10NFD Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DNS10S0A0R10NFD
Description  Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNS10S0A0R10NFD Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DNS10S0A0R10NFD Datasheet HTML 1Page - Delta Electronics, Inc. DNS10S0A0R10NFD Datasheet HTML 2Page - Delta Electronics, Inc. DNS10S0A0R10NFD Datasheet HTML 3Page - Delta Electronics, Inc. DNS10S0A0R10NFD Datasheet HTML 4Page - Delta Electronics, Inc. DNS10S0A0R10NFD Datasheet HTML 5Page - Delta Electronics, Inc. DNS10S0A0R10NFD Datasheet HTML 6Page - Delta Electronics, Inc. DNS10S0A0R10NFD Datasheet HTML 7Page - Delta Electronics, Inc. DNS10S0A0R10NFD Datasheet HTML 8Page - Delta Electronics, Inc. DNS10S0A0R10NFD Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATASHEET
DS_DNM04SIP10_03062009D
FEATURES
High efficiency: 96% @ 5.0Vin, 3.3V/10A out
Small size and low profile: (SIP)
50.8x 13.4x 8.5 mm (2.00” x 0.53” x 0.33”)
Signle-in-line (SIP) packaging
Standard footprint
Voltage and resistor-based trim
Pre-bias startup
Output voltage tracking
No minimum load required
Output voltage programmable from
0.75Vdc to 3.3Vdc via external resistor
Fixed frequency operation
Input UVLO, output OTP, OCP
Remote ON/OFF
Remote sense
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing facility
UL/cUL 60950 (US & Canada) Recognized,
and TUV (EN60950) Certified
CE mark meets 73/23/EEC and 93/68/EEC
directives
APPLICATIONS
Telecom / DataCom
Distributed power architectures
Servers and workstations
LAN / WAN applications
Data processing applications
OPTIONS
Negative On/Off logic
Tracking feature
SIP package
Delphi DNM, Non-Isolated Point of Load
DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
The Delphi Series DNM04, 2.8-5.5V input, single output, non-isolated
Point of Load DC/DC converters are the latest offering from a world
leader in power system and technology and manufacturing -- Delta
Electronics, Inc. The DNM04 series provides a programmable output
voltage from 0.75V to 3.3V using an external resistor. The DNM series
has flexible and programmable tracking and sequencing features to
enable a variety of startup voltages as well as sequencing and tracking
between power modules. This product family is available in a surface
mount or SIP package and provides up to 10A of current in an industry
standard footprint. With creative design technology and optimization of
component placement, these converters possess outstanding electrical
and thermal performance and extremely high reliability under highly
stressful operating conditions.


Similar Part No. - DNS10S0A0R10NFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNS10S0A0R10NFD DELTA-DNS10S0A0R10NFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNS10S0A0R10NFD DELTA-DNS10S0A0R10NFD Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS10S0A0R10NFD DELTA-DNS10S0A0R10NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS10S0A0R10NFD DELTA-DNS10S0A0R10NFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNS10S0A0R10NFD DELTA-DNS10S0A0R10NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
More results

Similar Description - DNS10S0A0R10NFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNL04S0A0S16NFD DELTA-DNL04S0A0S16NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNM04S0A0R10PFA DELTA-DNM04S0A0R10PFA Datasheet
966Kb / 16P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
872Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_09 Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNL04S0A0R16PFA DELTA-DNL04S0A0R16PFA Datasheet
978Kb / 16P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS04S0A0S06PFA DELTA-DNS04S0A0S06PFA Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_08 Datasheet
690Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNT04 DELTA-DNT04 Datasheet
960Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.3Vo, 3A out
DNT04S0A0S03NFA DELTA-DNT04S0A0S03NFA Datasheet
558Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.63Vo, 3A out
DNM10S0A0S10PFD DELTA-DNM10S0A0S10PFD Datasheet
652Kb / 14P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/10A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com