Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LVRL075S Datasheet(PDF) 2 Page - Tyco Electronics

Part # LVRL075S
Description  PolySwitch Resettable Devices Line-Voltage-Rated Devices
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LVRL075S Datasheet(HTML) 2 Page - Tyco Electronics

  LVRL075S Datasheet HTML 1Page - Tyco Electronics LVRL075S Datasheet HTML 2Page - Tyco Electronics LVRL075S Datasheet HTML 3Page - Tyco Electronics LVRL075S Datasheet HTML 4Page - Tyco Electronics LVRL075S Datasheet HTML 5Page - Tyco Electronics LVRL075S Datasheet HTML 6Page - Tyco Electronics LVRL075S Datasheet HTML 7Page - Tyco Electronics LVRL075S Datasheet HTML 8Page - Tyco Electronics LVRL075S Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
176
15
Maximum Ambient Temperature
Part Number
-20˚C
0˚C
20˚C
25˚C
40˚C
50˚C
60˚C
70˚C
85˚C
LVR/LVRL
LVR005N
0.08
0.06
0.05
0.05
0.04
0.04
0.03
0.03
0.02
LVR008N
0.12
0.10
0.08
0.08
0.07
0.06
0.05
0.04
0.03
LVR012
0.18
0.15
0.12
0.12
0.10
0.09
0.07
0.06
0.04
LVR016
0.24
0.20
0.16
0.16
0.13
0.11
0.10
0.08
0.05
LVR025
0.38
0.32
0.25
0.25
0.21
0.18
0.15
0.13
0.09
LVR033
0.50
0.42
0.33
0.33
0.27
0.23
0.20
0.17
0.11
LVR040
0.61
0.51
0.40
0.40
0.33
0.28
0.24
0.20
0.14
LVR055
0.80
0.68
0.55
0.54
0.46
0.40
0.35
0.29
0.22
LVR075
1.23
0.98
0.75
0.74
0.60
0.56
0.49
0.45
0.41
LVR100
1.65
1.30
1.00
0.94
0.80
0.75
0.65
0.60
0.55
LVR125
1.55
1.63
1.25
1.20
1.00
0.94
0.81
0.75
0.69
LVR200
3.30
2.60
2.00
1.97
1.60
1.50
1.30
1.20
1.10
LVRL075
1.08
0.93
0.75
0.74
0.64
0.57
0.51
0.44
0.35
LVRL100
1.40
1.19
1.00
0.94
0.82
0.73
0.65
0.57
0.45
LVRL125
1.80
1.53
1.25
1.20
1.04
0.94
0.83
0.73
0.60
LVRL135
2.00
1.65
1.35
1.29
1.12
1.01
0.90
0.78
0.65
LVRL200
3.05
2.55
2.00
1.97
1.72
1.55
1.39
1.22
0.98
Thermal Derating for LVR Devices [Hold Current (A) at Ambient Temperature (˚C)]
Table L2
NEW
NEW
NEW
NEW
Hold Current (A)
0.050
25.00
0.080
9.800
0.120
4.800
0.160
3.400
0.250
1.700
0.330
1.000
0.400
0.800
0.550
0.590
0.750
0.400
0.325
1.000
0.276
0.224
1.250
0.209
0.148
1.350
0.138
2.000
0.110
0.431
Product Series - Current Rating, Voltage Rating / Typical Resistance for LVR Devices
Table L1
Voltage Rating
LVR
240VAC / 120VAC
LVRL
120VAC
NEW
NEW
Thermal Derating Curve for LVR Devices
Figure L1
Ambient Temperature (˚C)
180
170
160
150
140
130
120
110
100
90
80
70
60
50
40
30
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
A
A
B
B
C
C
Figure L1
A=
LVR075-LVR200
B=
LVRL075-LVRL200
C=
LVR005N-LVR055
RoHS compliant, ELV compliant


Similar Part No. - LVRL075S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LVRL075S MACOM-LVRL075S Datasheet
212Kb / 10P
   PolySwitch Resettable Devices Line-Voltage-Rated Devices
LVRL075S MACOM-LVRL075S Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
More results

Similar Description - LVRL075S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LVR005N MACOM-LVR005N Datasheet
212Kb / 10P
   PolySwitch Resettable Devices Line-Voltage-Rated Devices
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
LVR005 MACOM-LVR005 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
AGRF400 MACOM-AGRF400 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com