Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCM2.4S0A0S06NFA Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # DCM2.4S0A0S06NFA
Description  Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCM2.4S0A0S06NFA Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button DCM2.4S0A0S06NFA Datasheet HTML 6Page - Delta Electronics, Inc. DCM2.4S0A0S06NFA Datasheet HTML 7Page - Delta Electronics, Inc. DCM2.4S0A0S06NFA Datasheet HTML 8Page - Delta Electronics, Inc. DCM2.4S0A0S06NFA Datasheet HTML 9Page - Delta Electronics, Inc. DCM2.4S0A0S06NFA Datasheet HTML 10Page - Delta Electronics, Inc. DCM2.4S0A0S06NFA Datasheet HTML 11Page - Delta Electronics, Inc. DCM2.4S0A0S06NFA Datasheet HTML 12Page - Delta Electronics, Inc. DCM2.4S0A0S06NFA Datasheet HTML 13Page - Delta Electronics, Inc. DCM2.4S0A0S06NFA Datasheet HTML 14Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
DS_ DCM04S0A0S12PFA_10022013
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P10
FEATURE DESCRIPTIONS (CON.)
For proper voltage sequencing, first, input voltage is
applied to the module. The On/Off pin of the module is left
unconnected (or tied to GND for negative logic modules or
tied to VIN for positive logic modules) so that the module is
ON by default. After applying input voltage to the module,
a minimum 10msec delay is required before applying
voltage on the SEQ pin. This delay gives the module
enough time to complete its internal power-up soft-start
cycle. During the delay time, the SEQ pin should be held
close to ground (nominally 50mV ± 20 mV). This is
required to keep the internal op-amp out of saturation thus
preventing output overshoot during the start of the
sequencing ramp. By selecting resistor R1 (see Figure. 34)
according to the following equation


05
.
0
24950
1
Vin
R
The voltage at the sequencing pin will be 50mV when the
sequencing signal is at zero.
After the 10msec delay, an analog voltage is applied to the
SEQ pin and the output voltage of the module will track
this voltage on a one-to-one volt bases until the output
reaches the set-point voltage. To initiate simultaneous
shutdown of the modules, the SEQ pin voltage is lowered
in a controlled manner. The output voltage of the modules
tracks the voltages below their set-point voltages on a
one-to-one basis. A valid input voltage must be maintained
until the tracking and output voltages reach ground
potential.
When using the EZ-SEQUENCETM feature to control
start-up of the module, pre-bias immunity during startup is
disabled. The pre-bias immunity feature of the module
relies on the module being in the diode-mode during
start-up. When using the EZ-SEQUENCETM feature,
modules goes through an internal set-up time of 10msec,
and will be in synchronous rectification mode when the
voltage at the SEQ pin is applied.
This will result in the module sinking current if a pre-bias
voltage is present at the output of the module.
Figure 34: Circuit showing connection of the sequencing signal to
the SEQ pin.
Simultaneous
Simultaneous tracking (Figure 35) is implemented by
using the TRACK pin. The objective is to minimize the
voltage difference between the power supply outputs
during power up and down.
The simultaneous tracking can be accomplished by
connecting VoPS1 to the TRACK pin of PS2. Please note
the voltage apply to TRACK pin needs to always higher
than the VoPS2 set point voltage.
TRACK
VoPS1
PS2
VoPS2
PS1
Vin
Vin
On/Off
On/Off
Figure 35
Monotonic Start-up and Shutdown
The DCM 12A modules have monotonic start-up and
shutdown behavior for any combination of rated input
voltage, output current and operating temperature range.


Similar Part No. - DCM2.4S0A0S06NFA

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM200P138M500A40 VICOR-DCM200P138M500A40 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM200P138M600A40 VICOR-DCM200P138M600A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM200P138T500A40 VICOR-DCM200P138T500A40 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM200P138T600A40 VICOR-DCM200P138T600A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM200P280M500A40 VICOR-DCM200P280M500A40 Datasheet
2Mb / 25P
   Regulated DC Converter
More results

Similar Description - DCM2.4S0A0S06NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCT04S0A0S03NFA DELTA-DCT04S0A0S03NFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
DCS04S0A0S06NFA DELTA-DCS04S0A0S06NFA Datasheet
704Kb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.63V/6Aout
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
872Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_09 Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNT04 DELTA-DNT04 Datasheet
960Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.3Vo, 3A out
DNT04S0A0S03NFA DELTA-DNT04S0A0S03NFA Datasheet
558Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.63Vo, 3A out
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD Datasheet
744Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNL04S0A0S16NFD DELTA-DNL04S0A0S16NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS04S0A0S06PFA DELTA-DNS04S0A0S06PFA Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com