Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNM10S0A0S06NFD Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # DNM10S0A0S06NFD
Description  Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNM10S0A0S06NFD Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button DNM10S0A0S06NFD Datasheet HTML 5Page - Delta Electronics, Inc. DNM10S0A0S06NFD Datasheet HTML 6Page - Delta Electronics, Inc. DNM10S0A0S06NFD Datasheet HTML 7Page - Delta Electronics, Inc. DNM10S0A0S06NFD Datasheet HTML 8Page - Delta Electronics, Inc. DNM10S0A0S06NFD Datasheet HTML 9Page - Delta Electronics, Inc. DNM10S0A0S06NFD Datasheet HTML 10Page - Delta Electronics, Inc. DNM10S0A0S06NFD Datasheet HTML 11Page - Delta Electronics, Inc. DNM10S0A0S06NFD Datasheet HTML 12Page - Delta Electronics, Inc. DNM10S0A0S06NFD Datasheet HTML 13Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DS_DNL04SIP16A_11232010D
9
DESIGN CONSIDERATIONS (CON.)
The power module should be connected to a low
ac-impedance input source. Highly inductive source
impedances can affect the stability of the module. An input
capacitance must be placed close to the modules input
pins to filter ripple current and ensure module stability in
the presence of inductive traces that supply the input
voltage to the module.
Safety Considerations
For safety-agency approval the power module must be
installed in compliance with the spacing and separation
requirements of the end-use safety agency standards.
For the converter output to be considered meeting the
requirements of safety extra-low voltage (SELV), the input
must meet SELV requirements. The power module has
extra-low voltage (ELV) outputs when all inputs are ELV.
The input to these units is to be provided with a maximum
20A of glass type fast-acting fuse in the ungrounded lead.
FEATURES DESCRIPTIONS
Remote On/Off
The DNM/DNL series power modules have an On/Off pin for
remote On/Off operation. Both positive and negative On/Off
logic options are available in the DNM/DNL series power
modules.
For positive logic module, connect an open collector (NPN)
transistor or open drain (N channel) MOSFET between the
On/Off pin and the GND pin (see figure 34). Positive logic
On/Off signal turns the module ON during the logic high and
turns the module OFF during the logic low. When the
positive On/Off function is not used, leave the pin floating or
tie to Vin (module will be On).
For negative logic module, the On/Off pin is pulled high with
an external pull-up 5kΩ resistor (see figure 35). Negative
logic On/Off signal turns the module OFF during logic high
and turns the module ON during logic low. If the negative
On/Off function is not used, leave the pin floating or tie to
GND. (module will be On)
Vo
On/Off
Vin
GND
Q1
RL
I
ON/OFF
Figure 34: Positive remote On/Off implementation
Vo
On/Off
Vin
GND
Q1
RL
Rpull-
up
I
ON/OFF
Figure 35: Negative remote On/Off implementation
Over-Current Protection
To provide protection in an output over load fault condition,
the unit is equipped with internal over-current protection.
When the over-current protection is triggered, the unit enters
hiccup mode. The units operate normally once the fault
condition is removed.


Similar Part No. - DNM10S0A0S06NFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNM10S0A0S06NFD DELTA-DNM10S0A0S06NFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNM10S0A0S06NFD DELTA-DNM10S0A0S06NFD Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNM10S0A0S06NFD DELTA-DNM10S0A0S06NFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNM10S0A0S06NFD DELTA-DNM10S0A0S06NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNM10S0A0S06NFD DELTA-DNM10S0A0S06NFD Datasheet
567Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
More results

Similar Description - DNM10S0A0S06NFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNL04S0A0R16PFA DELTA-DNL04S0A0R16PFA Datasheet
978Kb / 16P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD Datasheet
744Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
872Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_09 Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNM04S0A0R10PFA DELTA-DNM04S0A0R10PFA Datasheet
966Kb / 16P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNS04S0A0S06PFA DELTA-DNS04S0A0S06PFA Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_08 Datasheet
690Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNT04 DELTA-DNT04 Datasheet
960Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.3Vo, 3A out
DNT04S0A0S03NFA DELTA-DNT04S0A0S03NFA Datasheet
558Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.63Vo, 3A out
DNL10S0A0S16PFD DELTA-DNL10S0A0S16PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com