Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DH06D2405A Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # DH06D2405A
Description  6W DC/DC CONVERTER, DIP-Package, High Isolation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DH06D2405A Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  DH06D2405A Datasheet HTML 1Page - Delta Electronics, Inc. DH06D2405A Datasheet HTML 2Page - Delta Electronics, Inc. DH06D2405A Datasheet HTML 3Page - Delta Electronics, Inc. DH06D2405A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS_DJ06S/D_07162012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Power Derating Curve
(3.3 & 5V Output Models)
(Other Output Models)
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%
3
Ripple & Noise measurement bandwidth is 0-20MHz.
4
All DC/DC converters should be externally fused at the front end for protection.
5
To order the converter at 3KVDC isolation, please add a suffix H (e.g. DJ06S2403H) to order code.
6
Specifications subject to change without notice.
Mechancial Drawing
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
2
-Vin
-Vin
3
-Vin
-Vin
9
No Pin
Common
11
NC
-Vout
14
+Vout
+Vout
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
NC: No Connection
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pin diameter
⇔ 0.5 ±0.05 (0.02±0.002)
Physical Outline
Case Size
:
31.8x20.3x10.2mm (1.25x0.80x0.40 Inches)
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Weight
:
12.7g
P3
Bottom View
2
11
14
16
23
15.24 [0.60]
5.08
[0.20]
3
9
22
4.5
[0.18]
31.8 [1.25]
2.54
[0.10]
0.50 [0.02]


Similar Part No. - DH06D2405A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DH06D2405A DELTA-DH06D2405A Datasheet
212Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH06D2405A DELTA-DH06D2405A Datasheet
216Kb / 4P
   3W DC/DC CONVERTER, DIP-Package , High Isolation
DH06D2405A DELTA-DH06D2405A Datasheet
214Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results

Similar Description - DH06D2405A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DU06S DELTA-DU06S Datasheet
215Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
DU06S1205A DELTA-DU06S1205A Datasheet
216Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
logo
Minmax Technology Co., ...
MGWI06 MINMAX-MGWI06_15 Datasheet
487Kb / 4P
   DC/DC CONVERTER 6W, DIP Package
MIW06 MINMAX-MIW06_15 Datasheet
652Kb / 5P
   DC/DC CONVERTER 6W, DIP-Package
MIWI06 MINMAX-MIWI06_15 Datasheet
631Kb / 5P
   DC/DC CONVERTER 6W, DIP-Package
logo
Mean Well Enterprises C...
SCWN06 MEANWELL-SCWN06 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
logo
Delta Electronics, Inc.
DC02S DELTA-DC02S Datasheet
199Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
DA01S DELTA-DA01S Datasheet
232Kb / 4P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
DA01S DELTA-DA01S_14 Datasheet
235Kb / 5P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
DK02S DELTA-DK02S Datasheet
318Kb / 4P
   2W DC/DC CONVERTER, DIP Package, High Isolation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com