Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNM04S0A0R10NFD Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # DNM04S0A0R10NFD
Description  Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNM04S0A0R10NFD Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button DNM04S0A0R10NFD Datasheet HTML 7Page - Delta Electronics, Inc. DNM04S0A0R10NFD Datasheet HTML 8Page - Delta Electronics, Inc. DNM04S0A0R10NFD Datasheet HTML 9Page - Delta Electronics, Inc. DNM04S0A0R10NFD Datasheet HTML 10Page - Delta Electronics, Inc. DNM04S0A0R10NFD Datasheet HTML 11Page - Delta Electronics, Inc. DNM04S0A0R10NFD Datasheet HTML 12Page - Delta Electronics, Inc. DNM04S0A0R10NFD Datasheet HTML 13Page - Delta Electronics, Inc. DNM04S0A0R10NFD Datasheet HTML 14Page - Delta Electronics, Inc. DNM04S0A0R10NFD Datasheet HTML 15Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DS_DNL04SIP16A_11232010D
11
The output voltage tracking feature (Figure 40 to Figure
42) is achieved according to the different external
connections. If the tracking feature is not used, the
TRACK pin of the module can be left unconnected or
tied to Vin.
For proper voltage tracking, input voltage of the tracking
power module must be applied in advance, and the
remote on/off pin has to be in turn-on status. (Negative
logic: Tied to GND or unconnected. Positive logic: Tied
to Vin or unconnected)
Figure 40: Sequential Start-up
Figure 41: Simultaneous
Figure 42: Ratio-metric
FEATURE DESCRIPTIONS (CON.)
The amount of power delivered by the module is the
voltage at the output terminals multiplied by the output
current. When using the trim feature, the output voltage of
the module can be increased, which at the same output
current would increase the power output of the module.
Care should be taken to ensure that the maximum output
power of the module must not exceed the maximum rated
power (Vo.set x Io.max ≤ P max).
Voltage Margining
Output voltage margining can be implemented in the DNL
modules by connecting a resistor, R margin-up, from the Trim
pin to the ground pin for margining-up the output voltage
and by connecting a resistor, Rmargin-down, from the Trim pin
to the output pin for margining-down. Figure 39 shows
the circuit configuration for output voltage margining. If
unused, leave the trim pin unconnected. A calculation
tool is available from the evaluation procedure which
computes the values of R margin-up and Rmargin-down for a
specific output voltage and margin percentage.
Vo
On/Off
Vin
GND
Trim
Q2
Q1
Rmargin-up
Rmargin-down
Rtrim
Figure 39: Circuit configuration for output voltage margining
Voltage Tracking
The DNL family was designed for applications that have
output voltage tracking requirements during power-up
and power-down. The devices have a TRACK pin to
implement three types of tracking method: sequential
start-up,
simultaneous
and
ratio-metric.
TRACK
simplifies the task of supply voltage tracking in a power
system by enabling modules to track each other, or any
external voltage, during power-up and power-down.
By connecting multiple modules together, customers can
get multiple modules to track their output voltages to the
voltage applied on the TRACK pin.
PS1
PS2
PS1
PS2
PS1
PS2
PS1
PS2
PS1
PS2
PS1
PS2
-ΔV


Similar Part No. - DNM04S0A0R10NFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNM04S0A0R10NFD DELTA-DNM04S0A0R10NFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNM04S0A0R10NFD DELTA-DNM04S0A0R10NFD Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNM04S0A0R10NFD DELTA-DNM04S0A0R10NFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNM04S0A0R10NFD DELTA-DNM04S0A0R10NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNM04S0A0R10NFD DELTA-DNM04S0A0R10NFD Datasheet
744Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
More results

Similar Description - DNM04S0A0R10NFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNL04S0A0R16PFA DELTA-DNL04S0A0R16PFA Datasheet
978Kb / 16P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD Datasheet
744Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
872Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_09 Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNM04S0A0R10PFA DELTA-DNM04S0A0R10PFA Datasheet
966Kb / 16P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNS04S0A0S06PFA DELTA-DNS04S0A0S06PFA Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_08 Datasheet
690Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNT04 DELTA-DNT04 Datasheet
960Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.3Vo, 3A out
DNT04S0A0S03NFA DELTA-DNT04S0A0S03NFA Datasheet
558Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.63Vo, 3A out
DNL10S0A0S16PFD DELTA-DNL10S0A0S16PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com