Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNS04S0A0S06PFD Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # DNS04S0A0S06PFD
Description  Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNS04S0A0S06PFD Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button DNS04S0A0S06PFD Datasheet HTML 6Page - Delta Electronics, Inc. DNS04S0A0S06PFD Datasheet HTML 7Page - Delta Electronics, Inc. DNS04S0A0S06PFD Datasheet HTML 8Page - Delta Electronics, Inc. DNS04S0A0S06PFD Datasheet HTML 9Page - Delta Electronics, Inc. DNS04S0A0S06PFD Datasheet HTML 10Page - Delta Electronics, Inc. DNS04S0A0S06PFD Datasheet HTML 11Page - Delta Electronics, Inc. DNS04S0A0S06PFD Datasheet HTML 12Page - Delta Electronics, Inc. DNS04S0A0S06PFD Datasheet HTML 13Page - Delta Electronics, Inc. DNS04S0A0S06PFD Datasheet HTML 14Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
DS_DNS10SMD06_03092009
10
Sequential Start-up
Sequential start-up (Figure 26) is implemented by placing
an On/Off control circuit between VoPS1 and the On/Off pin
of PS2.
R1
R2
VoPS1
PS1
Vin
On/Off
On/Off
PS2
VoPS2
Vin
C1
Q1
R3
Simultaneous
Simultaneous tracking (Figure 27) is implemented by
using the TRACK pin. The objective is to minimize the
voltage difference between the power supply outputs
during power up and down.
The simultaneous tracking can be accomplished by
connecting VoPS1 to the TRACK pin of PS2. Please note
the voltage apply to TRACK pin needs to always higher
than the VoPS2 set point voltage.
TRACK
VoPS1
PS2
VoPS2
PS1
Vin
Vin
On/Off
On/Off
Ratio-Metric
Ratio–metric (Figure 28) is implemented by placing the
voltage divider on the TRACK pin that comprise R1 and
R2, to create a proportional voltage with VoPS1 to the
Track pin of PS2.
For Ratio-Metric applications that need the outputs of
PS1 and PS2 reach the regulation set point at the same
time.
The following equation can be used to calculate the value
of R1 and R2.
The suggested value of R2 is 10kΩ.
2
1
2
1
,
2
,
R
R
R
V
V
PS
O
PS
O
+
=
R1
R2
TRACK
VoPS1
PS2
VoPS2
PS1
Vin
Vin
On/Off
On/Off
The high for positive logic
The low for negative logic
FEATURE DESCRIPTIONS (CON.)
The output voltage tracking feature (Figure 26 to Figure
28) is achieved according to the different external
connections. If the tracking feature is not used, the
TRACK pin of the module can be left unconnected or tied
to Vin.
For proper voltage tracking, input voltage of the tracking
power module must be applied in advance, and the
remote on/off pin has to be in turn-on status. (Negative
logic: Tied to GND or unconnected. Positive logic: Tied to
Vin or unconnected)
Figure 26:
Sequential
Figure 27:
Simultaneous
Figure 28:
Ratio-metric
PS1
PS1
PS1
PS1
PS2
PS2
PS2
PS2
PS1
PS2
PS1
PS2
+△V


Similar Part No. - DNS04S0A0S06PFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNS04S0A0S06PFD DELTA-DNS04S0A0S06PFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNS04S0A0S06PFD DELTA-DNS04S0A0S06PFD Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS04S0A0S06PFD DELTA-DNS04S0A0S06PFD Datasheet
690Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS04S0A0S06PFD DELTA-DNS04S0A0S06PFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS04S0A0S06PFD DELTA-DNS04S0A0S06PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
More results

Similar Description - DNS04S0A0S06PFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
567Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S20NFD DELTA-DNL10S0A0S20NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNL10S0A0S16PFD DELTA-DNL10S0A0S16PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNL10S0A0R20PFD DELTA-DNL10S0A0R20PFD Datasheet
624Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNM10S0A0S10PFD DELTA-DNM10S0A0S10PFD Datasheet
652Kb / 14P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/10A out
DNL10S0A0R16PFD DELTA-DNL10S0A0R16PFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA Datasheet
623Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.5Vo, 3A
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA_13 Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DCS12S0A0S06NFA DELTA-DCS12S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com