Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNT12S0A0R05NFA Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # DNT12S0A0R05NFA
Description  Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNT12S0A0R05NFA Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  DNT12S0A0R05NFA Datasheet HTML 1Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 2Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 3Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 4Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 5Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 6Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 7Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 8Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DS_DNT12SIP05_03292013
3
ELECTRICAL CHARACTERISTICS CURVES
Figure 1: Converter efficiency vs. output current
(12V in, 5V output voltage)
Figure 2: Converter efficiency vs. output current
(12V in, 3.3V output voltage)
Figure 3: Converter efficiency vs. output current
(12V in, 2.5V output voltage)
Figure 4: Converter efficiency vs. output current
(12V in, 1.8V output voltage)
Figure 5: Converter efficiency vs. output current
(12V in, 1.5V output voltage)
Figure 6: Converter efficiency vs. output current
(12V in, 1.2V output voltage)


Similar Part No. - DNT12S0A0R05NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNT12S0A0R05NFA DELTA-DNT12S0A0R05NFA Datasheet
623Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.5Vo, 3A
DNT12S0A0R05NFA DELTA-DNT12S0A0R05NFA Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DNT12S0A0R05NFA DELTA-DNT12S0A0R05NFA Datasheet
461Kb / 13P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules
DNT12S0A0R05NFA DELTA-DNT12S0A0R05NFA Datasheet
625Kb / 13P
   Standard footprint and pinout
DNT12S0A0R05NFA DELTA-DNT12S0A0R05NFA Datasheet
631Kb / 12P
   Fixed frequency operation
More results

Similar Description - DNT12S0A0R05NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNT12S0A0S05NFA DELTA-DNT12S0A0S05NFA Datasheet
461Kb / 13P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA_13 Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD_14 Datasheet
744Kb / 17P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_14 Datasheet
687Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules
DCM04S0A0S12PFA DELTA-DCM04S0A0S12PFA_14 Datasheet
817Kb / 17P
   Delphi DCM, Non-Isolated Point of Load DC/DC Power Modules
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA_14 Datasheet
1,022Kb / 21P
   Delphi DCM, Non-Isolated Point of Load DC/DC Power Modules
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD_14 Datasheet
567Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules
DNT04S0A0R03NFA DELTA-DNT04S0A0R03NFA_14 Datasheet
544Kb / 14P
   Delphi DNT04, Non-Isolated Point of Load DC/DC Power Modules
DCL12S0A0S20NFA DELTA-DCL12S0A0S20NFA_14 Datasheet
825Kb / 20P
   Delphi DCL, Non-Isolated Point of Load DC/DC Power Modules
DCS12S0A0S06NFA DELTA-DCS12S0A0S06NFA_14 Datasheet
1,004Kb / 21P
   Delphi DCS, Non-Isolated Point of Load DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com