Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCM4.5S0A0S12NFA Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # DCM4.5S0A0S12NFA
Description  Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCM4.5S0A0S12NFA Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  DCM4.5S0A0S12NFA Datasheet HTML 1Page - Delta Electronics, Inc. DCM4.5S0A0S12NFA Datasheet HTML 2Page - Delta Electronics, Inc. DCM4.5S0A0S12NFA Datasheet HTML 3Page - Delta Electronics, Inc. DCM4.5S0A0S12NFA Datasheet HTML 4Page - Delta Electronics, Inc. DCM4.5S0A0S12NFA Datasheet HTML 5Page - Delta Electronics, Inc. DCM4.5S0A0S12NFA Datasheet HTML 6Page - Delta Electronics, Inc. DCM4.5S0A0S12NFA Datasheet HTML 7Page - Delta Electronics, Inc. DCM4.5S0A0S12NFA Datasheet HTML 8Page - Delta Electronics, Inc. DCM4.5S0A0S12NFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DS_ DCM04S0A0S12PFA_10022013
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P4
ELECTRICAL CHARACTERISTICS CURVES (CON.)
Figure 7: Output ripple & noise at 5Vin, 0.6V/12A out.
(2us/div and 2mV/div)
Figure 8: Output ripple & noise at 5Vin, 1.2V/12A out.
(2us/div and 2mV/div)
Figure 9: Output ripple & noise at 5Vin, 1.8V/12A out.
(2us/div and 2mV/div)
Figure 10: Output ripple & noise at 5Vin, 3.3V/12A out.
(2us/div and 2mV/div)
Figure 11: Turn on delay time at 5Vin, 0.6V/12A out(2mS/div),Top
trace:Vout 0.2V/div; bottom trace:Vin,5V/div
Figure 12: Turn on delay time at 5Vin, 1.2V/12A out(2mS/div),Top
trace:Vout 0.5V/div; bottom trace:Vin,5V/div


Similar Part No. - DCM4.5S0A0S12NFA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DCM40 ETC-DCM40 Datasheet
419Kb / 20P
   Pressure switches and pressure monitors for overpressure
DCM4016 ETC-DCM4016 Datasheet
419Kb / 20P
   Pressure switches and pressure monitors for overpressure
DCM4025 ETC-DCM4025 Datasheet
419Kb / 20P
   Pressure switches and pressure monitors for overpressure
logo
TOKO, Inc
DCM42 TOKO-DCM42 Datasheet
148Kb / 1P
   Common-mode Chokes for DC Power Line
logo
Vicor Corporation
DCM420P120M400A40 VICOR-DCM420P120M400A40 Datasheet
1Mb / 25P
   Regulated DC Converter
More results

Similar Description - DCM4.5S0A0S12NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCT04S0A0S03NFA DELTA-DCT04S0A0S03NFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
DCS04S0A0S06NFA DELTA-DCS04S0A0S06NFA Datasheet
704Kb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.63V/6Aout
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
872Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_09 Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNT04 DELTA-DNT04 Datasheet
960Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.3Vo, 3A out
DNT04S0A0S03NFA DELTA-DNT04S0A0S03NFA Datasheet
558Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.63Vo, 3A out
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD Datasheet
744Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNL04S0A0S16NFD DELTA-DNL04S0A0S16NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS04S0A0S06PFA DELTA-DNS04S0A0S06PFA Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com