Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9250B085QR-G Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC9250B085QR-G
Description  30V Driver Transistor Built-In Step-Down DC/DC Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9250B085QR-G Datasheet(HTML) 5 Page - Torex Semiconductor

  XC9250B085QR-G Datasheet HTML 1Page - Torex Semiconductor XC9250B085QR-G Datasheet HTML 2Page - Torex Semiconductor XC9250B085QR-G Datasheet HTML 3Page - Torex Semiconductor XC9250B085QR-G Datasheet HTML 4Page - Torex Semiconductor XC9250B085QR-G Datasheet HTML 5Page - Torex Semiconductor XC9250B085QR-G Datasheet HTML 6Page - Torex Semiconductor XC9250B085QR-G Datasheet HTML 7Page - Torex Semiconductor XC9250B085QR-G Datasheet HTML 8Page - Torex Semiconductor XC9250B085QR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5/28
XC9250/XC9251
Series
PIN ASSIGNMENT
PIN NUMBER
SOP-8FD
PIN NAME
FUNCTIONS
1
VIN
Power Input
2
CE
Chip Enable
3
SYNC
External CLK Sync Pin
4
FB
Output Voltage Sense
5
SS
Soft-start Adjustment
6
GND
Ground
7
BST
Bootstrap
8
Lx
Switching Output
FUNCTION
PIN NAME
SIGNAL
STATUS
L
Stand-by
H
Active
CE
OPEN
Undefined State
(*1)
L
H
Operates with internal clock frequency
CLK
Synchronizes with External Clock Signal
SYNC
OPEN
Undefined State
(*1)
(*1) Please do not leave the CE and SYNC pin open.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNITS
VIN Pin Voltage
VIN
-0.3 ~ +36
V
BST Pin Voltage
VBST
-0.3 or VLX-0.3
(*1) ~ VLX+6.5 or +36 (*2)
V
FB Pin Voltage
VFB
-0.3 ~ +6.5
V
SYNC Pin Voltage
VSYNC
-0.3 ~ +6.5
V
CE Pin Voltage
VCE
-0.3 ~ +36
V
SS Pin Voltage
VCSS
-0.3 ~ +6.5
V
Lx Pin Voltage
VLx
-0.3 ~ VIN+0.3 or +36
(*3)
V
Lx Pin Current
ILx
4.2
A
300
Power Dissipation
Pd
1500 (PCB mounted)
mW
Surge Voltage
VSURGE
46
(*4)
V
Operating Ambient Temperature
Topr
-40 ~ +105
Storage Temperature
Tstg
-55 ~ +125
Ta=25℃
* All voltages are described based on the GND pin.
(*1) The maximum value should be either -0.3 or VLX-0.3 in the lowest.
(*2) The maximum value should be either VLX+6.5 or +36 in the lowest.
(*3) The maximum value should be either VIN+0.3 or +36 in the lowest.
(*4) Applied Time≦400ms


Similar Part No. - XC9250B085QR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9252 TOREX-XC9252 Datasheet
1Mb / 28P
   Low Power Consumption Step-down DC/DC Controller IC
XC9253R TOREX-XC9253R Datasheet
250Kb / 13P
   Synchronous Step-Down DC/DC Converter
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
XC9257 TOREX-XC9257 Datasheet
1Mb / 27P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9258 TOREX-XC9258 Datasheet
1Mb / 27P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
More results

Similar Description - XC9250B085QR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9246 TOREX-XC9246 Datasheet
1Mb / 31P
   16V Driver Transistor Built-In Step-Down DC/DC Converters
XC9235 TOREX-XC9235_1 Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9236A33DMR TOREX-XC9236A33DMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235 TOREX-XC9235 Datasheet
760Kb / 28P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9128 TOREX-XC9128 Datasheet
325Kb / 14P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9128 TOREX-XC9128_1 Datasheet
344Kb / 13P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XCL205 TOREX-XCL205_1 Datasheet
563Kb / 26P
   Inductor Built-in Step-Down micro DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com