Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E36SR3R320NRFH Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # E36SR3R320NRFH
Description  Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E36SR3R320NRFH Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  E36SR3R320NRFH Datasheet HTML 1Page - Delta Electronics, Inc. E36SR3R320NRFH Datasheet HTML 2Page - Delta Electronics, Inc. E36SR3R320NRFH Datasheet HTML 3Page - Delta Electronics, Inc. E36SR3R320NRFH Datasheet HTML 4Page - Delta Electronics, Inc. E36SR3R320NRFH Datasheet HTML 5Page - Delta Electronics, Inc. E36SR3R320NRFH Datasheet HTML 6Page - Delta Electronics, Inc. E36SR3R320NRFH Datasheet HTML 7Page - Delta Electronics, Inc. E36SR3R320NRFH Datasheet HTML 8Page - Delta Electronics, Inc. E36SR3R320NRFH Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FEATURES
High efficiency: 88% @ 3.3V/ 20A
Size: 58.4mm x 22.8mm x 9.2mm
(2.30”x0.90”x0.36”)
Industry standard pin out
Fixed frequency operation
Input UVLO, Output OCP, OVP, and OTP
2250V isolation
Basic insulation
No minimum load required
SMD and through-hole versions
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS 18001 certified manufacturing
facility
UL/cUL 60950-1 (US & Canada)
Recognized
APPLICATIONS
Telecom / Datacom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial / Testing Equipment
OPTIONS
SMT or through-hole versions
Positive on/off logic
Short pin lengths available
Heat spreader option
Delphi Series E36SR, Eighth Brick Family
18~75V in, 3.3V/20A out
The Delphi Series E36SR Eighth Brick, 18~75V input, single output,
isolated DC/DC converter is the latest offering from a world leader in
power systems technology and manufacturing
— Delta Electronics, Inc.
This product family provides up to 66 watts of power or 20A of output
current in an industry standard footprint. With creative design technology
and optimization of component placement, these converters possess
outstanding electrical and thermal performances, as well as extremely
high reliability under highly stressful operating conditions. All models are
fully
protected
from
abnormal
input/output
voltage,
current,
and
temperature conditions. The Delphi Series converters meet all safety
requirements with basic insulation.
DATASHEET
DS_E36SR3R320_10292013


Similar Part No. - E36SR3R320NRFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E36SR3R320NRFH DELTA-E36SR3R320NRFH Datasheet
526Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR3R320NRFH DELTA-E36SR3R320NRFH Datasheet
760Kb / 16P
   Delphi Series E36SR, Eighth Brick Family
More results

Similar Description - E36SR3R320NRFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E36SR3R320NRFA DELTA-E36SR3R320NRFA Datasheet
526Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR3R320 DELTA-E36SR3R320 Datasheet
775Kb / 14P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR05015NRFA DELTA-E36SR05015NRFA Datasheet
824Kb / 15P
   Delphi Series E36SR, 75W Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR05015 DELTA-E36SR05015 Datasheet
768Kb / 14P
   Delphi Series E36SR, 75W Eighth Brick Family DC/DC Power Modules: 18~75V in, 5V/15A out
E48SC3R320NRFA DELTA-E48SC3R320NRFA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SR3R320NRFA DELTA-E48SR3R320NRFA Datasheet
510Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E24SR3R320 DELTA-E24SR3R320 Datasheet
748Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 3.3V/20A out
E48SR3R320 DELTA-E48SR3R320 Datasheet
791Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SP12020NRFB DELTA-E48SP12020NRFB Datasheet
472Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
E48SP12020NRFA DELTA-E48SP12020NRFA Datasheet
475Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com