Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E36SC312009NMFA Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # E36SC312009NMFA
Description  Delphi Series E36SC120, Eighth Brick 108W DC/DC Power Modules: 18V~75Vin, 12V, 9Aout
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E36SC312009NMFA Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button E36SC312009NMFA Datasheet HTML 6Page - Delta Electronics, Inc. E36SC312009NMFA Datasheet HTML 7Page - Delta Electronics, Inc. E36SC312009NMFA Datasheet HTML 8Page - Delta Electronics, Inc. E36SC312009NMFA Datasheet HTML 9Page - Delta Electronics, Inc. E36SC312009NMFA Datasheet HTML 10Page - Delta Electronics, Inc. E36SC312009NMFA Datasheet HTML 11Page - Delta Electronics, Inc. E36SC312009NMFA Datasheet HTML 12Page - Delta Electronics, Inc. E36SC312009NMFA Datasheet HTML 13Page - Delta Electronics, Inc. E36SC312009NMFA Datasheet HTML 14Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
E36SC12009_12062012
10
THERMAL CURVES
(WITH HEAT SPREADER)
HOT SPOT 2
AIRFLOW
Figure 22: * Hot spot 2 temperature measured point. The allowed
maximum hot spot 2 temperature is defined at 105
E36SC12009(Standard) Out put Current vs. Ambient Temperature andAi rVelocity
@Vin = 24V (Transverse Orientat ion,Wit hHeatspreader)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambien t Tem peratu re (℃)
Out put Curr ent (A)
Natural
Convection
100 LF M
2 00L F M
300 LF M
400 LF M
50 0L F M
Figure 23: Output current vs. ambient temperature and air
velocity @Vin=24V(Transverse Orientation, Airflow from Vin+
to Vin-,with heat spreader)
E36SC12009(Standard) Output Current vs. Ambient Temperature and AirVelocity
@Vin = 48V (Transverse Orientation,Wit hHeatspreader)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient T empe rature (℃)
Outpu t Cu rren t (A)
Natural
Convection
100LF M
20 0L FM
30 0LF M
400 LF M
50 0L FM
Figure 24: Output current vs. ambient temperature and air
velocity @Vin=48V(Transverse Orientation, airflow from Vin+
to Vin-,with heat spreader)
THERMAL CURVES
(WITHOUT HEAT SPREADER)
AIRFLOW
NTC RESISTOR
HOT SPOT 1
Figure 19: * Hot spot 1& NTC resistor temperature measured
points. The allowed maximum hot spot 1 temperature is defined
at 115
E36SC12009(St andard) Output Current vs. Ambient Temperature and Air Velocity
@Vin = 24V (TransverseOrient ati on)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temp eratur e (℃)
Outpu t Curren t (A)
Natural
Convection
10 0L F M
20 0L FM
300 LF M
400 LF M
50 0L FM
600LF M
Figure 20: Output current vs. ambient temperature and air
velocity @Vin=24V(Transverse Orientation, airflow from Vin+
to Vin-,without heat spreader)
E36SC12009(St andard) Output Current vs. Ambient Temperature and Air Velocity
@Vin = 48V (TransverseOrient ati on)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temp eratur e (℃)
Outpu t Curren t (A)
Natural
Conv ect ion
100LF M
20 0L F M
30 0L FM
400 LF M
50 0L F M
60 0L F M
Figure 21: Output current vs. ambient temperature and air
velocity @Vin=48V(Transverse Orientation, airflow from Vin+


Similar Part No. - E36SC312009NMFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E36SC3R3 DELTA-E36SC3R3 Datasheet
587Kb / 15P
   Industry standard footprint and pinout
E36SC3R335 DELTA-E36SC3R335 Datasheet
587Kb / 15P
   Industry standard footprint and pinout
E36SC3R335NKFA DELTA-E36SC3R335NKFA Datasheet
587Kb / 15P
   Delphi Series E36SC3R3, Eighth Brick 116W DC/DC Power Modules: 18V~75Vin, 3.3V, 35Aout
E36SC3R335NKFH DELTA-E36SC3R335NKFH Datasheet
587Kb / 15P
   Delphi Series E36SC3R3, Eighth Brick 116W DC/DC Power Modules: 18V~75Vin, 3.3V, 35Aout
E36SC3R335NMFA DELTA-E36SC3R335NMFA Datasheet
587Kb / 15P
   Delphi Series E36SC3R3, Eighth Brick 116W DC/DC Power Modules: 18V~75Vin, 3.3V, 35Aout
More results

Similar Description - E36SC312009NMFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E36SC3R335NRFA DELTA-E36SC3R335NRFA Datasheet
587Kb / 15P
   Delphi Series E36SC3R3, Eighth Brick 116W DC/DC Power Modules: 18V~75Vin, 3.3V, 35Aout
Q36SR12019NRFA DELTA-Q36SR12019NRFA Datasheet
591Kb / 14P
   Delphi Series Q36SR, Quarter Brick 228W DC/DC Power Modules: 18V~75Vin,12V, 19Aout
Q36SR12017NRFA DELTA-Q36SR12017NRFA Datasheet
455Kb / 14P
   Delphi Series Q36SR, Quarter Brick 204W DC/DC Power Modules: 18V~75Vin,12V, 17Aout
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
E48SC12005NNFA DELTA-E48SC12005NNFA_14 Datasheet
646Kb / 16P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules
E48SR1R225NRFA DELTA-E48SR1R225NRFA_14 Datasheet
877Kb / 16P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules
E48SR12007 DELTA-E48SR12007 Datasheet
893Kb / 14P
   Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
logo
Future Technology Devic...
E48SH FTDI-E48SH Datasheet
568Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
logo
Delta Electronics, Inc.
E48SR12006 DELTA-E48SR12006 Datasheet
795Kb / 13P
   Delphi Series E48SR12006, 72W Eighth Brick DC/DC Power Modules: 48V in, 12V/6A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com