Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

400ST100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 400ST100
Description  Air Ultrasonic Ceramic Transducers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

400ST100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  400ST100 Datasheet HTML 1Page - List of Unclassifed Manufacturers 400ST100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Air Ultrasonic Ceramic Transducers
400ST/R100
400SR100 Receiver
Sensitivity Variation vs. Loaded Resistor
Center Frequency Shift vs. Loaded Resistor
Sensitivity Variation vs. Temperature
Center Frequency Shift vs. Temperature
400ST100 Transmitter
SPL Variation vs. Driving Voltage
Center Frequency Shift vs. Driving Voltage
SPL Variation vs. Temperature
Center Frequency Shift vs. Temperature
-80
-75
-70
-65
-60
-55
-50
-45
-40
1K
3.9K
10K
39K
100K
390K
Loaded Resistor (Ohm)
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
1K
3.9K
10K
39K
100K
390K
Loaded Resistor (Ohm)
85
90
95
100
105
110
115
120
125
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
Vrms
-6.0
-5.5
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
Vrms
-80
-75
-70
-65
-60
-55
-50
-45
-40
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
Temperature (Degree C)
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
-40
-30 -20
-10
0
10
20
30
40
50
60
70
80
90
100
Temperature (Degree C)
90
95
100
105
110
115
120
125
130
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
Temperature (Degree C)
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
-40
-30 -20
-10
0
10
20
30
40
50
60
70
80
90
100
Temperature (Degree C)


Similar Part No. - 400ST100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
400ST100 ETC2-400ST100 Datasheet
89Kb / 2P
   Air Ultrasonic Ceramic Transducers
More results

Similar Description - 400ST100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
400ST160 ETC-400ST160 Datasheet
96Kb / 2P
   Air Ultrasonic Ceramic Transducers
logo
Pro-Wave Electronic Cor...
250ST160 PRO-WAVE-250ST160 Datasheet
417Kb / 2P
   Air Ultrasonic Ceramic Transducers
logo
List of Unclassifed Man...
400ST-R120 ETC2-400ST-R120 Datasheet
72Kb / 2P
   Air Ultrasonic Ceramic Transducers
400ST100 ETC2-400ST100 Datasheet
89Kb / 2P
   Air Ultrasonic Ceramic Transducers
500MB120 ETC2-500MB120 Datasheet
121Kb / 1P
   Air Ultrasonic Ceramic Transducers
TC40-18D ETC-TC40-18D Datasheet
30Kb / 1P
   AIR ULTRASONIC SENSOR
EPM121 ETC2-EPM121 Datasheet
18Kb / 1P
   Piezo Ceramic Transducers
logo
Sensortechnics GmbH
AD8-0000-E01 SENSORTECHNICS-AD8-0000-E01 Datasheet
66Kb / 3P
   Ultrasonic air bubble and air-in-line sensors
logo
Ohmite Mfg. Co.
OMT110 OHMITE-OMT110 Datasheet
41Kb / 1P
   Piezo Ceramic Audio Transducers
logo
Panasonic Semiconductor
EFRRUB40K5 PANASONIC-EFRRUB40K5 Datasheet
454Kb / 5P
   Ultrasonic Ceramic Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com