Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

380D45 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 380D45
Description  SOLID-STATE RELAYS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

380D45 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 380D45 Datasheet HTML 4Page - List of Unclassifed Manufacturers 380D45 Datasheet HTML 5Page - List of Unclassifed Manufacturers 380D45 Datasheet HTML 6Page - List of Unclassifed Manufacturers 380D45 Datasheet HTML 7Page - List of Unclassifed Manufacturers 380D45 Datasheet HTML 8Page - List of Unclassifed Manufacturers 380D45 Datasheet HTML 9Page - List of Unclassifed Manufacturers 380D45 Datasheet HTML 10Page - List of Unclassifed Manufacturers 380D45 Datasheet HTML 11Page - List of Unclassifed Manufacturers 380D45 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Form 859-990514
SOLID-STATE RELAYS
DATA SHEET
page 10/12
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590 • Phone: (909)695-3000 • (800)321-OPTO • Fax: (909)695-3095 • Internet: www.opto22.com
Inside Sales:(800)452-OPTO •Product Support: (800)TEK-OPTO•(909)695-3080•Fax:(909)695-3017 •E-mail:support@opto22.com•FaxBack:(800)474-OPTO
Transformer Loads
Solenoid Valve and Contactor Loads
Careful consideration should be given to the selection
oftheproperSSRfordrivingagiventransformer. Transformers
aredrivenfrompositivesaturationoftheironcoretonegative
saturation of the core each ½ cycle of the alternating
voltage.Largeinrushcurrentscanoccurduringthefirst½cycle
of line voltage when a zero voltage SSR happens to turn on
during the positive ½ cycle of voltage when the core is
already in positive saturation. Inrush currents greater than
10 times rated transformer current can easily occur.
The following table provides a guide for selecting the
proper SSR for a given transformer rating.
All Opto 22 SSRs are designed to drive inductive loads such as solenoid
valvesandelectromechanicalcontactors.Thebuilt-insnubberineachSSR
assures proper operation into inductive loads. The following table is a
guide in selecting an SSR to drive a solenoid or contactor.
Tips (Continued)
Applications
Control Current Calculation
All Opto 22 DC controlled SSRs have a control circuit consisting of 1000 ohms in
series with an LED. Since 3 volts is required to turn on any SSR, the maximum current
requiredis(3volt-1volt)dividedby1000ohmswhichequals2.0mA.The1voltissubtracted
fromthe3voltsignalbecause1voltisdroppedacrosstheLED.Forhighercontrolvoltages,
an external resistor can be added in series with the control voltage to limit the control
current. To limit the control current to 2 mA, calculate the external resistor R
C = 500 (EC- 3)
where E
C = the control voltage.
The DC control voltage range is 3–32 VDC. To calculate the control current for any
voltage within the 3–32 VDC range, use the formula:
E
C - 1
1000
I
C =
where R
C = zero.
With a 5V control signal,
I
C =
= 4 mA.
5 - 1
1000
120-Volt Coils
SSR CURRENT
RATING
SOLENOID
CONTACTOR
2-Amp
1-Amp
NEMA Size 4
4-Amp
3-Amp
NEMA Size 7
240-Volt Coils
SSR CURRENT
RATING
SOLENOID
CONTACTOR
2-Amp
1-Amp
NEMA Size 7
4-Amp
3-Amp
NEMA Size 7
120-Volt Transformers
SSR MODEL
TRANSFORMER
P or MP 120D2
100 VA
Z120D10
500 VA
120D3
100 VA
P or MP 120D4
250 VA
120D10 or 120A10
500 VA
120D25 or 120a25
1 KVA
120D45
2 KVA
240-Volt Transformers
P or MP240D2
200 VA
7240D10
1 KVA
120D3
200 VA
P or MP240D4
500 VA
240D10 or 240A10
1 KVA
240D25 or 240A25
2 KVA
240D45
4 KVA
480-Volt Transformers
SSR MODEL
TRANSFORMER
480D10-12
5-Amp Primary
480D15-12
5-Amp Primary


Similar Part No. - 380D45

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
380D45 E-OEC-380D45 Datasheet
753Kb / 23P
   Solid-State Relays
More results

Similar Description - 380D45

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
logo
Allen-Bradley
700-SK ALLEN-BRADLEY-700-SK Datasheet
370Kb / 5P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com