Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA04D0303A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DA04D0303A
Description  6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DA04D0303A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DA04D0303A Datasheet HTML 1Page - Delta Electronics, Inc. DA04D0303A Datasheet HTML 2Page - Delta Electronics, Inc. DA04D0303A Datasheet HTML 3Page - Delta Electronics, Inc. DA04D0303A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DS06S/D Series
6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS_DS06S/D_06102013
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 83%
DIP Package with Industry Standard Pinout
Short Circuit Protection
Isolation Voltage1500VDC
Operating Temperature Range
–40°C to +85°C
Wide 4:1 Input Range
Complies with EN55022 Class A
Lead free, RoHs Complian
3 Years Product Warranty
The DS06S/D series are miniature, DIP Package, isolated 6W DC/DC converters with 1,500VDC isolation.
It offers short circuit
protection and allows a wide operating temperature range of
–40°C to +85°C. These isolated DC/DC converters are the latest offering
from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc. With creative design technology and
optimization of component placement, these converters possess outstanding electrical and thermal performance, as well as extremely
high reliability under highly stressful operating conditions
Model List
Model
Number
Input
Voltage
(Range)
Output
Voltage
Output
Current
Input Current
Reflected
Ripple
Current
Max. capacitive
Load
Efficiency
(typ.)
Max.
Min.
@Max. Load
@No Load
@Max. Load
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA(typ.)
uF
%
DS06S2403A
24
(9 ~ 36)
3.3
1200
120
220
20
20
470
75
DS06S2405A
5
1000
100
267
78
DS06S2412A
12
500
50
301
100
83
DS06S2415A
15
400
40
305
82
DS06D2405A
±5
±500
±50
267
100*
78
DS06D2412A
±12
±250
±25
301
83
DS06D2415A
±15
±200
±20
305
82
DS06S4803A
48
(18 ~ 75.)
3.3
1200
120
110
10
15
470
75
DS06S4805A
5
1000
100
134
78
DS06S4812A
12
500
50
151
100
83
DS06S4815A
15
400
40
152
82
DS06D4805A
±5
±500
±50
134
100*
78
DS06D4812A
±12
±250
±25
151
83
DS06D4815A
±15
±200
±20
152
82
* For each output
Input Characteristics
Parameter
Model
Min.
Typ.
Max.
Unit
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
---
50
VDC
48V Input Models
-0.7
---
100
Start-Up Voltage
24V Input Models
7
8
9
48V Input Models
14
16
18
Under Voltage Shutdown
24V Input Models
---
---
8.5
48V Input Models
---
---
16
Reverse Polarity Input Current
All Models
---
---
1
A
Short Circuit Input Power
---
---
3000
mW
Internal Power Dissipation
---
---
2500
mW
Conducted EMI
Compliance to EN 55022,class A and FCC part 15,class A


Similar Part No. - DA04D0303A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DA04D0303A DELTA-DA04D0303A Datasheet
232Kb / 4P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
DA04D0303A DELTA-DA04D0303A Datasheet
234Kb / 4P
   1W DC/DC CONVERTER, SMD-Package, High Isolation
DA04D0303A DELTA-DA04D0303A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DA04D0303A DELTA-DA04D0303A Datasheet
238Kb / 4P
   2W DC/DC CONVERTER, SMD-Package
DA04D0303A DELTA-DA04D0303A Datasheet
199Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
More results

Similar Description - DA04D0303A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DR06S DELTA-DR06S Datasheet
227Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DR06S2403A DELTA-DR06S2403A Datasheet
228Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS06S2403A DELTA-DS06S2403A Datasheet
247Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DG06S0503A DELTA-DG06S0503A Datasheet
221Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DG06S DELTA-DG06S Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH06S DELTA-DH06S Datasheet
212Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DP06S DELTA-DP06S Datasheet
218Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, Wide 2:1 Input Range
DH06S1203A DELTA-DH06S1203A Datasheet
214Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DL03S2403A DELTA-DL03S2403A Datasheet
215Kb / 5P
   3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DF04S2403A DELTA-DF04S2403A Datasheet
220Kb / 5P
   4W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com