Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E48SC3R325NRFA Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # E48SC3R325NRFA
Description  Delphi Series E48SC, 82.5W Eighth Brick Family
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SC3R325NRFA Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button E48SC3R325NRFA Datasheet HTML 3Page - Delta Electronics, Inc. E48SC3R325NRFA Datasheet HTML 4Page - Delta Electronics, Inc. E48SC3R325NRFA Datasheet HTML 5Page - Delta Electronics, Inc. E48SC3R325NRFA Datasheet HTML 6Page - Delta Electronics, Inc. E48SC3R325NRFA Datasheet HTML 7Page - Delta Electronics, Inc. E48SC3R325NRFA Datasheet HTML 8Page - Delta Electronics, Inc. E48SC3R325NRFA Datasheet HTML 9Page - Delta Electronics, Inc. E48SC3R325NRFA Datasheet HTML 10Page - Delta Electronics, Inc. E48SC3R325NRFA Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DS_E48SC3R325_06152011
7
ELECTRICAL CHARACTERISTICS CURVES
Figure 14: Output voltage ripple at nominal input voltage and
rated load current (Io=25A)(20 mV/div, 2us/div)
Load capacitance: 1µF ceramic capacitor and 10µF tantalum
capacitor. Bandwidth: 20 MHz. Scope measurements should be
made using a BNC cable (length shorter than 20 inches).
Position the load between 51 mm to 76 mm (2 inches to 3
inches) from the module.
Figure 15: Output voltage vs. load current showing typical
current limit curves and converter shutdown points.


Similar Part No. - E48SC3R325NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC3R325NRFA DELTA-E48SC3R325NRFA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SC3R325NRFA DELTA-E48SC3R325NRFA Datasheet
486Kb / 15P
   Industry standard pin out
E48SC3R325NRFA DELTA-E48SC3R325NRFA Datasheet
539Kb / 15P
   No minimum load required
E48SC3R325NRFA DELTA-E48SC3R325NRFA Datasheet
486Kb / 15P
   Industry standard pin out
More results

Similar Description - E48SC3R325NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E36SR3R320NRFA DELTA-E36SR3R320NRFA_14 Datasheet
760Kb / 16P
   Delphi Series E36SR, Eighth Brick Family
E36SR05015NRFA DELTA-E36SR05015NRFA_14 Datasheet
753Kb / 16P
   Delphi Series E36SR, 75W Eighth Brick Family
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
E48SC3R320NRFA DELTA-E48SC3R320NRFA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
E48SC12005NNFA DELTA-E48SC12005NNFA_14 Datasheet
646Kb / 16P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules
E48SR1R225NRFA DELTA-E48SR1R225NRFA_14 Datasheet
877Kb / 16P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules
logo
Future Technology Devic...
E48SH FTDI-E48SH Datasheet
568Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
logo
Delta Electronics, Inc.
E48SH1R250NRFA DELTA-E48SH1R250NRFA_14 Datasheet
703Kb / 16P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
E24SR3R320NRFA DELTA-E24SR3R320NRFA_08 Datasheet
587Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com