Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E48SC3R325NKFA Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # E48SC3R325NKFA
Description  Delphi Series E48SC, 82.5W Eighth Brick Family
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SC3R325NKFA Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button E48SC3R325NKFA Datasheet HTML 6Page - Delta Electronics, Inc. E48SC3R325NKFA Datasheet HTML 7Page - Delta Electronics, Inc. E48SC3R325NKFA Datasheet HTML 8Page - Delta Electronics, Inc. E48SC3R325NKFA Datasheet HTML 9Page - Delta Electronics, Inc. E48SC3R325NKFA Datasheet HTML 10Page - Delta Electronics, Inc. E48SC3R325NKFA Datasheet HTML 11Page - Delta Electronics, Inc. E48SC3R325NKFA Datasheet HTML 12Page - Delta Electronics, Inc. E48SC3R325NKFA Datasheet HTML 13Page - Delta Electronics, Inc. E48SC3R325NKFA Datasheet HTML 14Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
DS_E48SC3R325_06152011
10
FEATURES DESCRIPTIONS (CON.)
Output Voltage Adjustment (TRIM)
To increase or decrease the output voltage set point,
the modules may be connected with an external
resistor between the TRIM pin and either the
SENSE(+) or SENSE(-). The TRIM pin should be left
open if this feature is not used.
Figure 18: Circuit configuration for trim-down (decrease
output voltage)
If the external resistor is connected between the TRIM
and SENSE (-) pins, the output voltage set point
decreases (Fig. 18). The external resistor value
required to obtain a percentage of output voltage
change △% is defined as:
()
=
K
down
Rtrim
2
.
10
511
Ex. When Trim-down -10%(5V×0.9=4.5V)
()
=
=
K
down
Rtrim
9
.
40
2
.
10
10
511
Figure 19: Circuit configuration for trim-up (increase output
voltage)
If the external resistor is connected between the TRIM
and SENSE (+) the output voltage set point increases
(Fig. 19). The external resistor value required to obtain
a percentage output voltage change △% is defined
as:
()
+
=
K
up
Rtrim
2
.
10
511
1.225
)
(100
Vo
11
.
5
Ex. When Trim-up +10%(5V×1.1=5.5V)
()
=
×
+
×
×
=
K
up
Rtrim
168
2
.
10
10
511
10
1.225
)
10
(100
5
11
.
5
The output voltage can be increased by both the remote
sense and the trim, however the maximum increase is
the larger of either the remote sense or the trim, not the
sum of both.
When using remote sense and trim, the output voltage
of the module is usually increased, which increases the
power output of the module with the same output
current.
Care should be taken to ensure that the maximum
output power of the module remains at or below the
maximum rated power.


Similar Part No. - E48SC3R325NKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC3R325NNA DELTA-E48SC3R325NNA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SC3R325NNA DELTA-E48SC3R325NNA Datasheet
486Kb / 15P
   Industry standard pin out
E48SC3R325NNA DELTA-E48SC3R325NNA Datasheet
539Kb / 15P
   No minimum load required
E48SC3R325NNA DELTA-E48SC3R325NNA Datasheet
486Kb / 15P
   Industry standard pin out
E48SC3R325NNFA DELTA-E48SC3R325NNFA Datasheet
486Kb / 15P
   Industry standard pin out
More results

Similar Description - E48SC3R325NKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E36SR3R320NRFA DELTA-E36SR3R320NRFA_14 Datasheet
760Kb / 16P
   Delphi Series E36SR, Eighth Brick Family
E36SR05015NRFA DELTA-E36SR05015NRFA_14 Datasheet
753Kb / 16P
   Delphi Series E36SR, 75W Eighth Brick Family
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
E48SC3R320NRFA DELTA-E48SC3R320NRFA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
E48SC12005NNFA DELTA-E48SC12005NNFA_14 Datasheet
646Kb / 16P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules
E48SR1R225NRFA DELTA-E48SR1R225NRFA_14 Datasheet
877Kb / 16P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules
logo
Future Technology Devic...
E48SH FTDI-E48SH Datasheet
568Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
logo
Delta Electronics, Inc.
E48SH1R250NRFA DELTA-E48SH1R250NRFA_14 Datasheet
703Kb / 16P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
E24SR3R320NRFA DELTA-E24SR3R320NRFA_08 Datasheet
587Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com