Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E48SC3R325NKFA Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # E48SC3R325NKFA
Description  Delphi Series E48SC, 82.5W Eighth Brick Family
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SC3R325NKFA Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button E48SC3R325NKFA Datasheet HTML 7Page - Delta Electronics, Inc. E48SC3R325NKFA Datasheet HTML 8Page - Delta Electronics, Inc. E48SC3R325NKFA Datasheet HTML 9Page - Delta Electronics, Inc. E48SC3R325NKFA Datasheet HTML 10Page - Delta Electronics, Inc. E48SC3R325NKFA Datasheet HTML 11Page - Delta Electronics, Inc. E48SC3R325NKFA Datasheet HTML 12Page - Delta Electronics, Inc. E48SC3R325NKFA Datasheet HTML 13Page - Delta Electronics, Inc. E48SC3R325NKFA Datasheet HTML 14Page - Delta Electronics, Inc. E48SC3R325NKFA Datasheet HTML 15Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DS_E48SC3R325_06152011
11
THERMAL CONSIDERATIONS
Thermal management is an important part of the system
design. To ensure proper, reliable operation, sufficient
cooling of the power module is needed over the entire
temperature range of the module. Convection cooling is
usually the dominant mode of heat transfer.
Hence, the choice of equipment to characterize the
thermal performance of the power module is a wind
tunnel.
Thermal Testing Setup
Delta’s DC/DC power modules are characterized in
heated vertical wind tunnels that simulate the thermal
environments
encountered
in
most
electronics
equipment. This type of equipment commonly uses
vertically mounted circuit cards in cabinet racks in which
the power modules are mounted.
The
following
figure
shows
the
wind
tunnel
characterization setup. The power module is mounted
on a test PWB and is vertically positioned within the
wind tunnel. The space between the neighboring PWB
and the top of the power module is constantly kept at
6.35mm (0.25’’).
Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches)
12.7 (0.5”)
MODULE
AIR FLOW
50.8 (2.0”)
FACING PWB
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED BELOW
THE MODULE
Figure 20: Wind tunnel test setup
Thermal Derating
Heat can be removed by increasing airflow over the module.
To enhance system reliability; the power module should
always be operated below the maximum operating
temperature. If the temperature exceeds the maximum
module temperature, reliability of the unit may be affected.
THERMAL CURVES
Figure 21: Hot spot temperature measured point.
*The allowed maximum hot spot temperature is defined at 115℃
E48SC3R325 (sta ndard) Outpu t Current vs. Ambient Temperatu re and Air Ve locity
@Vin=4 8V (Transverse Orien tation)
0
5
10
15
20
25
25
30
35
40
45
50
55
60
65
70
75
80
85
Out put Current (A)
A mbi ent Temperature (℃)
Natural
Convecti on
100 LFM
200LFM
300LFM
400LFM
500LFM
600LFM
Figure 22: Output Current vs. ambient temperature and air velocity
@ Vin=48V(Transverse Orientation)


Similar Part No. - E48SC3R325NKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC3R325NNA DELTA-E48SC3R325NNA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SC3R325NNA DELTA-E48SC3R325NNA Datasheet
486Kb / 15P
   Industry standard pin out
E48SC3R325NNA DELTA-E48SC3R325NNA Datasheet
539Kb / 15P
   No minimum load required
E48SC3R325NNA DELTA-E48SC3R325NNA Datasheet
486Kb / 15P
   Industry standard pin out
E48SC3R325NNFA DELTA-E48SC3R325NNFA Datasheet
486Kb / 15P
   Industry standard pin out
More results

Similar Description - E48SC3R325NKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E36SR3R320NRFA DELTA-E36SR3R320NRFA_14 Datasheet
760Kb / 16P
   Delphi Series E36SR, Eighth Brick Family
E36SR05015NRFA DELTA-E36SR05015NRFA_14 Datasheet
753Kb / 16P
   Delphi Series E36SR, 75W Eighth Brick Family
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
E48SC3R320NRFA DELTA-E48SC3R320NRFA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
E48SC12005NNFA DELTA-E48SC12005NNFA_14 Datasheet
646Kb / 16P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules
E48SR1R225NRFA DELTA-E48SR1R225NRFA_14 Datasheet
877Kb / 16P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules
logo
Future Technology Devic...
E48SH FTDI-E48SH Datasheet
568Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
logo
Delta Electronics, Inc.
E48SH1R250NRFA DELTA-E48SH1R250NRFA_14 Datasheet
703Kb / 16P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
E24SR3R320NRFA DELTA-E24SR3R320NRFA_08 Datasheet
587Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com