Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

480D45-12 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 480D45-12
Description  SOLID-STATE RELAYS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

480D45-12 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 480D45-12 Datasheet HTML 4Page - List of Unclassifed Manufacturers 480D45-12 Datasheet HTML 5Page - List of Unclassifed Manufacturers 480D45-12 Datasheet HTML 6Page - List of Unclassifed Manufacturers 480D45-12 Datasheet HTML 7Page - List of Unclassifed Manufacturers 480D45-12 Datasheet HTML 8Page - List of Unclassifed Manufacturers 480D45-12 Datasheet HTML 9Page - List of Unclassifed Manufacturers 480D45-12 Datasheet HTML 10Page - List of Unclassifed Manufacturers 480D45-12 Datasheet HTML 11Page - List of Unclassifed Manufacturers 480D45-12 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Form 859-990514
SOLID-STATE RELAYS
DATA SHEET
page 9/12
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590 • Phone: (909)695-3000 • (800)321-OPTO • Fax: (909)695-3095 • Internet: www.opto22.com
Inside Sales:(800)452-OPTO •Product Support: (800)TEK-OPTO•(909)695-3080•Fax:(909)695-3017 •E-mail:support@opto22.com•FaxBack:(800)474-OPTO
Heat Sink Calculation
Like all semiconductor devices, SSR current
ratings must be based on maximum junction
temperature. All Opto 22 SSRs operate
conservatively at maximum junction temperatures
of 110° C. Determining an adequate heat sink
for a given SSR conducting a given current is
very simple.
Note: Thermally conductive grease must be used
between the relay base and the heat sink.
Sample Calculation Given:
120-Volt, 20-Amp Load
50° C Ambient Air
ChooseModel120D25SSR.
Calculate dissipation as: 20 amps x 1.3 Watts per amp = 26 Watts
Calculate temperature rise junction to SSR base as: 26 Watts x 1.2° C per Watt = 31.2° C
Calculateallowabletemperatureofheatsinkbysubtracting31.2°Cfrom110°Callowablejunctiontemperature:
110° C-31.2 = 78.8° C
The heat sink is in a 50°C ambient, therefore, allowable temperature rise on heat sink is: 78.8° C-50° C = 28.8° C
If heat sink is allowed to rise 28.8° C above ambient, then the thermal resistance of the heat sink is simply the 28.8° C risedivided by the 26
Watt. Any heat sink having a thermal resistance less than 1.1° C per Watt will be adequate.
Duty Cycle Calculation
When solid-state relays are operated in an on/off mode, it may be advantageous to calculate the RMS value of the current through the SSR
for heat sinking or determining the proper current rating of the SSR for the given application.
I
RMS = RMS value of load or SSR
T
1 = Time current is on
T
2 = Time current is off
I
ON = RMS value of load current during on period
I
RMS =
(I
ON)
2 x T
1
T
1 + T2
Tips
Applications


Similar Part No. - 480D45-12

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
480D45-12 E-OEC-480D45-12 Datasheet
753Kb / 23P
   Solid-State Relays
More results

Similar Description - 480D45-12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
logo
Allen-Bradley
700-SK ALLEN-BRADLEY-700-SK Datasheet
370Kb / 5P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com