Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM202 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM202
Description  High-Speed, 5 V, 0.1 F CMOS RS-232 Driver/Receivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM202 Datasheet(HTML) 4 Page - Analog Devices

  ADM202 Datasheet HTML 1Page - Analog Devices ADM202 Datasheet HTML 2Page - Analog Devices ADM202 Datasheet HTML 3Page - Analog Devices ADM202 Datasheet HTML 4Page - Analog Devices ADM202 Datasheet HTML 5Page - Analog Devices ADM202 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
REV. A
ADM202/ADM203
–4–
–Typical Performance Characteristics
LOAD CURRENT – mA
0
–15
–10
–5
10
5
15
5
10
15
20
25
30
0
V+
V–
TPC 1. Charge Pump V+, V– vs. Current
CAPACITIVE LOAD – pF
0
500
1k
1.5k
2k
2.5k
3k
0
5
10
15
20
25
30
LOW-TO-HIGH SLEW RATE
HIGH-TO-LOW SLEW RATE
VCC = 5V
RL = 3k
f = 10kHz
TPC 2. Transmitter Slew Rate vs. Load Capacitance
1
T
T
2
CH1 10.0V
CH2 5.00V M 1.00 s CH2
–6.4V
LOADED SLEW RATE – 1nF
TPC 3. Transmitter Fully Loaded Slew Rate
VCC – V
4.5
5.0
5.5
4.0
–15
–10
–5
10
5
15
0
Tx O/P HI
Tx O/P HI LOADED
Tx O/P LO LOADED
Tx O/P LO
TPC 4. Transmitter Output Voltage vs. VCC
LOAD CURRENT – mA
0
2
4
68
10
14
0
12
–15
–10
–5
10
5
15
Tx O/P HI
Tx O/P LO
TPC 5. Transmitter Output Voltage vs. Current
1
T
2
CH1 10.0V
CH2 5.00V M 1.00 s CH2
–6.4V
UNLOADED SLEW RATE
T
TPC 6. Transmitter Unloaded Slew Rate


Similar Part No. - ADM202

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM202 AD-ADM202 Datasheet
305Kb / 6P
   High Speed, 5 V, 0.1 uF CMOS RS-232 Driver/Receivers
REV. 0
ADM202 AD-ADM202 Datasheet
120Kb / 6P
   High-Speed, 5 V, 0.1 uF CMOS RS-232 Driver/Receivers
REV. A
ADM202 AD-ADM202 Datasheet
255Kb / 10P
   High Speed, 5 V, 0.1 μF CMOS RS-232 Driver/Receiver
Rev. B
ADM2023E AD-ADM2023E Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM2023 AD-ADM2023_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com