Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E48SC05015PMFA Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # E48SC05015PMFA
Description  Delphi Series E48SC05015, 75W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/15A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SC05015PMFA Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  E48SC05015PMFA Datasheet HTML 1Page - Delta Electronics, Inc. E48SC05015PMFA Datasheet HTML 2Page - Delta Electronics, Inc. E48SC05015PMFA Datasheet HTML 3Page - Delta Electronics, Inc. E48SC05015PMFA Datasheet HTML 4Page - Delta Electronics, Inc. E48SC05015PMFA Datasheet HTML 5Page - Delta Electronics, Inc. E48SC05015PMFA Datasheet HTML 6Page - Delta Electronics, Inc. E48SC05015PMFA Datasheet HTML 7Page - Delta Electronics, Inc. E48SC05015PMFA Datasheet HTML 8Page - Delta Electronics, Inc. E48SC05015PMFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DS_E48SC05015_10302013
3
ELECTRICAL CHARACTERISTICS CURVES
74
76
78
80
82
84
86
88
90
92
94
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT(A%)
2
3
4
5
6
7
8
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT(A%)
Figure 1: Efficiency vs. load current for minimum, nominal, and
maximum input voltage at 25°C
Figure 2: Power dissipation vs. load current for minimum,
nominal, and maximum input voltage at 25°C.
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
30
35
40
45
50
55
60
65
70
75
INPUT VOLTAGE (V)
Figure 3: Typical full load input characteristics at room
temperature
36Vin
48Vin
75Vin
75Vin
48Vin


Similar Part No. - E48SC05015PMFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC05015 DELTA-E48SC05015 Datasheet
471Kb / 15P
   Industry standard pin out
E48SC05015NRFA DELTA-E48SC05015NRFA Datasheet
471Kb / 15P
   Industry standard pin out
More results

Similar Description - E48SC05015PMFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E36SR05015 DELTA-E36SR05015 Datasheet
768Kb / 14P
   Delphi Series E36SR, 75W Eighth Brick Family DC/DC Power Modules: 18~75V in, 5V/15A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
E48SH05020NRFA DELTA-E48SH05020NRFA Datasheet
879Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH05020 DELTA-E48SH05020 Datasheet
806Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SC05012NRFA DELTA-E48SC05012NRFA Datasheet
760Kb / 15P
   Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
E48SP12020NRFB DELTA-E48SP12020NRFB Datasheet
472Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
E48SC3R320NRFA DELTA-E48SC3R320NRFA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SC12005NRFA DELTA-E48SC12005NRFA Datasheet
717Kb / 15P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
E48SP12020NRFA DELTA-E48SP12020NRFA Datasheet
475Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com