Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E48SC12008NSFA Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # E48SC12008NSFA
Description  Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SC12008NSFA Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  E48SC12008NSFA Datasheet HTML 1Page - Delta Electronics, Inc. E48SC12008NSFA Datasheet HTML 2Page - Delta Electronics, Inc. E48SC12008NSFA Datasheet HTML 3Page - Delta Electronics, Inc. E48SC12008NSFA Datasheet HTML 4Page - Delta Electronics, Inc. E48SC12008NSFA Datasheet HTML 5Page - Delta Electronics, Inc. E48SC12008NSFA Datasheet HTML 6Page - Delta Electronics, Inc. E48SC12008NSFA Datasheet HTML 7Page - Delta Electronics, Inc. E48SC12008NSFA Datasheet HTML 8Page - Delta Electronics, Inc. E48SC12008NSFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DS_E48SC12008_03192012
5
ELECTRICAL CHARACTERISTICS CURVES
Figure 6: Output voltage response to step-change in load
current (50%-25%-50% of Io, max; di/dt = 0.1A/µs). Load cap:
10µF, tantalum capacitor and 1µF ceramic capacitor. Top Trace:
Vout (200mV/div, 200us/div), Bottom Trace: I out (2A/div).
Scope measurement should be made using a BNC cable
(length shorter than 20 inches). Position the load between 51
mm to 76 mm (2 inches to 3 inches) from the module
Figure 7: Output voltage response to step-change in load
current (50%-25%-50% of Io, max; di/dt = 2.5A/µs). Load cap:
10µF, tantalum capacitor and 1µF ceramic capacitor. Top Trace:
Vout (200mV/div, 200us/div), Bottom Trace: I out (2A/div).
Scope measurement should be made using a BNC cable
(length shorter than 20 inches). Position the load between 51
mm to 76 mm (2 inches to 3 inches) from the module
Figure 8: Test set-up diagram showing measurement points for
Input Terminal Ripple Current and Input Reflected Ripple
Current.
Note: Measured input reflected-ripple current with a simulated
source Inductance (LTEST) of 12μH. Capacitor Cs offset possible
battery impedance. Measure current as shown above


Similar Part No. - E48SC12008NSFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
930Kb / 17P
   Standard footprint
E48SC12008NRFH DELTA-E48SC12008NRFH Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
E48SC12008NRFH DELTA-E48SC12008NRFH Datasheet
930Kb / 17P
   Standard footprint
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
More results

Similar Description - E48SC12008NSFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
E48SP12020NRFB DELTA-E48SP12020NRFB Datasheet
472Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
E48SC12005NRFA DELTA-E48SC12005NRFA Datasheet
717Kb / 15P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
E48SP12020NRFA DELTA-E48SP12020NRFA Datasheet
475Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
E48SH12010NRFA DELTA-E48SH12010NRFA Datasheet
549Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
E48SR12005 DELTA-E48SR12005 Datasheet
774Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
E48SH12010 DELTA-E48SH12010 Datasheet
787Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
E48SR12007 DELTA-E48SR12007 Datasheet
893Kb / 14P
   Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
E48SR12006 DELTA-E48SR12006 Datasheet
795Kb / 13P
   Delphi Series E48SR12006, 72W Eighth Brick DC/DC Power Modules: 48V in, 12V/6A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com