Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRFR2307Z Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # AUIRFR2307Z
Description  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

AUIRFR2307Z Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  AUIRFR2307Z Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. AUIRFR2307Z Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. AUIRFR2307Z Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. AUIRFR2307Z Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. AUIRFR2307Z Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. AUIRFR2307Z Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. AUIRFR2307Z Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. AUIRFR2307Z Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. AUIRFR2307Z Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AUIRFR2307Z
4
www.kersemi.com
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Typical Forward Transconductance
vs. Drain Current
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM
4.5V
≤60µs PULSE WIDTH
Tj = 175°C
4.5V
2
4
6
8
10
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VDS = 20V
≤60µs PULSE WIDTH
0
1020
3040
506070
ID,Drain-to-Source Current (A)
0
20
40
60
80
TJ = 25°C
TJ = 175°C
VDS = 10V
380µs PULSE WIDTH
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM
4.5V
≤60µs PULSE WIDTH
Tj = 25°C
4.5V


Similar Part No. - AUIRFR2307Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFR2307Z IRF-AUIRFR2307Z Datasheet
303Kb / 13P
   HEXFET짰 Power MOSFET
logo
Kersemi Electronic Co.,...
AUIRFR2307Z KERSEMI-AUIRFR2307Z Datasheet
4Mb / 11P
   Advanced Process Technology
logo
List of Unclassifed Man...
AUIRFR2307Z ETC2-AUIRFR2307Z Datasheet
303Kb / 13P
   Ultra Low On-Resistance
logo
Infineon Technologies A...
AUIRFR2307Z INFINEON-AUIRFR2307Z Datasheet
683Kb / 11P
   Advanced Process Technology
2015-11-19
logo
International Rectifier
AUIRFR2307ZTR IRF-AUIRFR2307ZTR Datasheet
303Kb / 13P
   HEXFET짰 Power MOSFET
More results

Similar Description - AUIRFR2307Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com