Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E48SC12008PSFH Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # E48SC12008PSFH
Description  Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SC12008PSFH Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  E48SC12008PSFH Datasheet HTML 1Page - Delta Electronics, Inc. E48SC12008PSFH Datasheet HTML 2Page - Delta Electronics, Inc. E48SC12008PSFH Datasheet HTML 3Page - Delta Electronics, Inc. E48SC12008PSFH Datasheet HTML 4Page - Delta Electronics, Inc. E48SC12008PSFH Datasheet HTML 5Page - Delta Electronics, Inc. E48SC12008PSFH Datasheet HTML 6Page - Delta Electronics, Inc. E48SC12008PSFH Datasheet HTML 7Page - Delta Electronics, Inc. E48SC12008PSFH Datasheet HTML 8Page - Delta Electronics, Inc. E48SC12008PSFH Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DATASHEET
DS_ E48SC12008_03192012
FEATURES
High efficiency: 92% @ 12V/8A
Size:
58.4mmx22.8mmx8.4mm
(2.30
”x0.90”x0.33”)
(Without heat-spreader)
58.4mmx22.8mmx12.7mm
(2.30
”x0.90”x0.50”)
(With heat-spreader)
Standard footprint
Industry standard pin out
Fixed frequency operation
Input UVLO, Output OCP, OVP, OTP
2250V isolation
Basic insulation
No minimum load required
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS 18001 certified manufacturing facility
UL/CUL 60950-1 (US & Canada) Recognized
APPLICATIONS
Telecom / Datacom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial / Testing Equipment
OPTIONS
Negative/Positive on/off logic
SMT or through-hole version
Delphi Series E48SC12008, Eighth Brick Family
DC/DC Power Modules: 48V in, 12V/8A out
The Delphi Series E48SC12008, Eighth Brick, 48V input, single output,
isolated DC/DC converter is the latest offering from a world leader in
power systems technology and manufacturing -- Delta Electronics, Inc.
This product family provides up to 96 watts, improved and very cost
effective power solution of industry standard footprint and pinout. With
creative design technology and optimization of component placement,
these
converters
possess
outstanding
electrical
and
thermal
performances, as well as extremely high reliability under highly stressful
operating conditions. All models are fully protected from abnormal
input/output voltage, current, and temperature conditions. The Delphi
Series converters meet all safety requirements with basic insulation.


Similar Part No. - E48SC12008PSFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC12008 DELTA-E48SC12008 Datasheet
930Kb / 17P
   Standard footprint
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
930Kb / 17P
   Standard footprint
E48SC12008NRFH DELTA-E48SC12008NRFH Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
E48SC12008NRFH DELTA-E48SC12008NRFH Datasheet
930Kb / 17P
   Standard footprint
More results

Similar Description - E48SC12008PSFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
E48SP12020NRFB DELTA-E48SP12020NRFB Datasheet
472Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
E48SC12005NRFA DELTA-E48SC12005NRFA Datasheet
717Kb / 15P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
E48SP12020NRFA DELTA-E48SP12020NRFA Datasheet
475Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
E48SH12010NRFA DELTA-E48SH12010NRFA Datasheet
549Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
E48SR12005 DELTA-E48SR12005 Datasheet
774Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
E48SH12010 DELTA-E48SH12010 Datasheet
787Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
E48SR12007 DELTA-E48SR12007 Datasheet
893Kb / 14P
   Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
E48SR12006 DELTA-E48SR12006 Datasheet
795Kb / 13P
   Delphi Series E48SR12006, 72W Eighth Brick DC/DC Power Modules: 48V in, 12V/6A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com