Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

501R49W104KV4E Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # 501R49W104KV4E
Description  Ceramic Capacitor Solutions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

501R49W104KV4E Datasheet(HTML) 1 Page - Johanson Technology Inc.

  501R49W104KV4E Datasheet HTML 1Page - Johanson Technology Inc. 501R49W104KV4E Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
18
www.johanson dielectrics.com
tanceram® cHIP caPacItors
TANCERAM® chip capacitors can replace tantalum capacitors
in many applications and offer several key advantages over
traditional tantalums. Because TANCERAM® capacitors exhibit
extremely low ESR, equivalent circuit performance can often be
achieved using considerably lower capacitance values. Low
DC leakage reduces current drain, extending the battery life of
portable products. TANCERAM® high DC breakdown voltage
ratings offer improved reliability and eliminate large voltage
de-rating common when designing with tantalums.
adVantageS
• Low ESR
• Low DC Leakage
• Higher Surge Voltage
• Non-polarized Devices
• Reduced CHIP Size
• Improved Reliability
• Higher Insulation Resistance • Higher Ripple Current
applicationS
• Switching Power Supply Smoothing (Input/Output)
• Backlighting Inverters
• DC/DC Converter Smoothing (Input/Output)
• General Digital Circuits
How to order tanceram®
Part number written: 100R15X106MV4E
100
R15
X
106
M
V
4
E
VOLTAGE
SIZE
DIELECTRIC
CAPACITANCE
TOLERANCE
TERMINATION
MARKING
PACKING
6R3 = 6.3 V
100 = 10 V
160 = 16 V
250 = 25 V
500 = 50 V
101 = 100 V
See Chart
W = X7R
X = X5R
1st two digits are
significant; third digit
denotes number of
zeros.
105 = 1.00 µF
476 = 47.0 µF
107 = 100 µF
K = ±10%
M = ±20%
V = Nickel Barrier
with 100% Tin
Plating (Matte)
T = SnPb*
(*available on
select parts)
4 = Unmarked
Code
Type Reel
E
Plastic 7”
T
Paper
7”
Tape specifications
conform to EIA
RS481


Similar Part No. - 501R49W104KV4E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
501R15C101A6T ETC1-501R15C101A6T Datasheet
172Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
logo
Johanson Technology Inc...
501R15C101AV4E JOHANSON-501R15C101AV4E Datasheet
393Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
logo
List of Unclassifed Man...
501R15C101AV4T ETC1-501R15C101AV4T Datasheet
172Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
logo
Johanson Technology Inc...
501R15C101AV4Z JOHANSON-501R15C101AV4Z Datasheet
393Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
501R15C101AV6E JOHANSON-501R15C101AV6E Datasheet
393Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
More results

Similar Description - 501R49W104KV4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
102R18W101KV4E JOHANSON-102R18W101KV4E Datasheet
1Mb / 36P
   ceramic capacitor solutions
102S48W104KV4E JOHANSON-102S48W104KV4E Datasheet
1Mb / 36P
   Ceramic Capacitor Solutions
102R18N220JV4E JOHANSON-102R18N220JV4E Datasheet
1Mb / 40P
   Ceramic Capacitor Solutions
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
VJOMD-X7R VISHAY-VJOMD-X7R Datasheet
166Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 28-Oct-08
VJ1812Y472KBGAT4X VISHAY-VJ1812Y472KBGAT4X Datasheet
219Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 25-Mar-13
VJ2220Y224KBEAT4X VISHAY-VJ2220Y224KBEAT4X Datasheet
221Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 22-Jul-13
VJOMD VISHAY-VJOMD Datasheet
209Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
HVSERIES VISHAY-HVSERIES Datasheet
253Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for High Voltage Applications
01-Jan-2023
VJ-OMD VISHAY-VJ-OMD Datasheet
208Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com