Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR3303 Datasheet(PDF) 7 Page - Kersemi Electronic Co., Ltd.

Part # IRFR3303
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFR3303 Datasheet(HTML) 7 Page - Kersemi Electronic Co., Ltd.

Back Button IRFR3303 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFR3303 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFR3303 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFR3303 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFR3303 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFR3303 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFR3303 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFR3303 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRFR3303 Datasheet HTML 10Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
* VGS = 5V for Logic Level Devices
ƒ
„
‚
RG
VDD
• dv/dt controlled by R
G
• Driver same type as D.U.T.
• I
SD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer

*
Fig 14. For N-Channel HEXFETS
Peak Diode Recovery dv/dt Test Circuit
IRFR/U3303
www.kersemi.com
7 / 10


Similar Part No. - IRFR3303

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR3303 IRF-IRFR3303 Datasheet
112Kb / 10P
   HEXFET Power MOSFET
IRFR3303PBF IRF-IRFR3303PBF Datasheet
251Kb / 10P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFR3303PBF KERSEMI-IRFR3303PBF Datasheet
3Mb / 10P
   ULTRA LOW ON-RESISTANCE
IRFR3303PBF KERSEMI-IRFR3303PBF Datasheet
3Mb / 10P
   HEXFET Power MOSFET
logo
International Rectifier
IRFR3303PBF IRF-IRFR3303PBF Datasheet
256Kb / 11P
   ULTRA LOW ON RESISTANCE
More results

Similar Description - IRFR3303

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com