Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT6503SRJZN005RL7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADT6503SRJZN005RL7
Description  Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT6503SRJZN005RL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADT6503SRJZN005RL7 Datasheet HTML 7Page - Analog Devices ADT6503SRJZN005RL7 Datasheet HTML 8Page - Analog Devices ADT6503SRJZN005RL7 Datasheet HTML 9Page - Analog Devices ADT6503SRJZN005RL7 Datasheet HTML 10Page - Analog Devices ADT6503SRJZN005RL7 Datasheet HTML 11Page - Analog Devices ADT6503SRJZN005RL7 Datasheet HTML 12Page - Analog Devices ADT6503SRJZN005RL7 Datasheet HTML 13Page - Analog Devices ADT6503SRJZN005RL7 Datasheet HTML 14Page - Analog Devices ADT6503SRJZN005RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADT6501/ADT6502/ADT6503/ADT6504
Rev. B | Page 11 of 16
TYPICAL APPLICATION CIRCUITS
Figure 20. Microprocessor Alarm
Figure 21. Overtemperature Fan Control
Figure 22. Temperature Window Alarms
VCC
GND
GND
HYST
INT
TOVER
ADT6501
VCC
MICROPROCESSOR
GND
0.1µF
100kΩ
3.3V
VCC
GND
GND
HYST
TOVER
ADT6502
0.1µF
3.3V
12V
VCC
GND
GND
HYST
TUNDER
ADT6504
... N015
0.1µF
VCC
GND
GND
HYST
TOVER
ADT6502
... P075
0.1µF
3.3V
OVER TEMPERATURE
UNDER TEMPERATURE
OUT OF RANGE


Similar Part No. - ADT6503SRJZN005RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT6503SRJZN005RL7 AD-ADT6503SRJZN005RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
More results

Similar Description - ADT6503SRJZN005RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT6501SRJZP065RL7 AD-ADT6501SRJZP065RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6501 AD-ADT6501_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6504 AD-ADT6504_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6501SRJZP105RL7 AD-ADT6501SRJZP105RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6504SRJZN015RL7 AD-ADT6504SRJZN015RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6502 AD-ADT6502_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6503 AD-ADT6503_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6501 AD-ADT6501 Datasheet
463Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. PrA
ADT6401 AD-ADT6401 Datasheet
271Kb / 12P
   Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switches in SOT-23
REV. 0
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com