Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R46KN347000N0M Datasheet(PDF) 1 Page - Kemet Corporation

Part # R46KN347000N0M
Description  Capacitor, film, 0.47 uF, /-20% Tol, -40/110C, Safety: X2, 275VAC, Lead Spacing=22.5 mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46KN347000N0M Datasheet(HTML) 1 Page - Kemet Corporation

  R46KN347000N0M Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 11/25/2013 - d8792399-b0cb-4947-9980-6185a2bb5ab9
KEMET Part Number: R46KN347000N0M
(46KN347000N0M)
Capacitor, film, 0.47 uF, +/-20% Tol, -40/+110C, Safety: X2, 275VAC, Lead Spacing=22.5 mm
S
L
H
LL
T
F
Dimensions (mm)
Symbol
Dimension
Tolerance
L
26.5
+0.3
H
16
+0.1
T
7
+0.2
S
22.5
+/-0.4
LL
4
+2
F
0.8
+/-0.05
Notes:
-L,H,T are nominal dimensions and do not imply a minimum.
General Information
Supplier: KEMET
Brand: Arcotronics
Miscellaneous Electrical: Contains Halogen
Specifications
Capacitance: 0.47 uF
Rated Temperature: 110° C
Voltage @ rated temp: 560VDC
Voltage AC: 275VAC
Tolerance: +/-20%
Body Type: Radial Box
Dielectric: Metallized Polypropylene
Application: Safety: X2
Temperature Range: -40/+110C
Dissipation Factor @ 1 kHz: 0.1%
Insulation Resistance: 63.83 GOhm
Maximum dVdT: 200v/us
Agency Approvals
Approvals: ENEC,UL,cUL,CQC
Packaging Specifications
Package Kind: Bulk
Package Type: Bag
Package Quantity: 700
© 2006-2013 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - R46KN347000N0M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KN347000P0K KEMET-R46KN347000P0K Datasheet
1Mb / 17P
   R46 (Miniature) Series, Class X2, 275 VAC
R46KN347000P0M KEMET-R46KN347000P0M Datasheet
1Mb / 17P
   R46 (Miniature) Series, Class X2, 275 VAC
R46KN347000P1K KEMET-R46KN347000P1K Datasheet
37Kb / 1P
   Capacitor, film, 0.47 F, /-10% Tol, -40/110C, Safety: X2, 275VAC,Lead Spacing=22.5 mm
R46KN347000P1K KEMET-R46KN347000P1K Datasheet
1Mb / 17P
   R46 (Miniature) Series, Class X2, 275 VAC
R46KN347000P1M KEMET-R46KN347000P1M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene, 0.47 F, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
More results

Similar Description - R46KN347000N0M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KN410000P0M KEMET-R46KN410000P0M Datasheet
36Kb / 1P
   Capacitor, film, 1 uF, /-20% Tol, -40/110C, Safety: X2, 275VAC, Lead Spacing=22.5 mm
R46KN347000P1K KEMET-R46KN347000P1K Datasheet
37Kb / 1P
   Capacitor, film, 0.47 F, /-10% Tol, -40/110C, Safety: X2, 275VAC,Lead Spacing=22.5 mm
R46KN410000P1M KEMET-R46KN410000P1M Datasheet
36Kb / 1P
   Capacitor, film, 1 F, /-20% Tol, -40/110C, Safety: X2, 275VAC, Lead Spacing=22.5 mm
PME271M610M KEMET-PME271M610M Datasheet
54Kb / 1P
   Capacitor, film, 0.1 uF, /-20 Tol, -40/110C, Safety X2, 275VAC, Lead Spacing 20.3 mm
R46KR422000P0M KEMET-R46KR422000P0M Datasheet
36Kb / 1P
   Capacitor, film, 2.2 F, /-20% Tol, -40/110C, Safety: X2, 275VAC,Lead Spacing=27.5 mm
PME271MD6100MR30 KEMET-PME271MD6100MR30 Datasheet
54Kb / 1P
   Capacitor, film, 0.1 uF, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
R46KN410040P0M KEMET-R46KN410040P0M Datasheet
55Kb / 1P
   Capacitor, film, 1 uF, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
R46KN347040H1M KEMET-R46KN347040H1M Datasheet
55Kb / 1P
   Capacitor, film, 0.47 uF, /-20% Tol, -40/125C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
R46KN415040P0M KEMET-R46KN415040P0M Datasheet
55Kb / 1P
   Capacitor, film, 1.5 uF, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
R46KI347040P1M KEMET-R46KI347040P1M Datasheet
56Kb / 1P
   Capacitor, film, 0.47 uF, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=15 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com