Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DH01S2403A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DH01S2403A
Description  6W DC/DC CONVERTER, DIP-Package, Wide 2:1 Input Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DH01S2403A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DH01S2403A Datasheet HTML 1Page - Delta Electronics, Inc. DH01S2403A Datasheet HTML 2Page - Delta Electronics, Inc. DH01S2403A Datasheet HTML 3Page - Delta Electronics, Inc. DH01S2403A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DP06S/D Series
6W DC/DC CONVERTER, DIP-Package, Wide 2:1 Input Range
DS_DP06S/D_07182012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 86%
DIP Package with Industry Standard Pinout
Wide 2:1 Input Range
Operating Temperature Range –40°C to +85°C
Isolation Voltage 1500VDC
Short Circuit Protection
CSA60950-1 Safety Approval
3 Years Product Warranty
The DP06S/D series are miniature, DIP Package, isolated 6W DC/DC converters with 1,500VDC isolation. It offers short circuit
protection and allows a wide operating temperature range of –40°C to +85°C. These isolated DC/DC converters are the latest
offering from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc. With creative design
technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as
well as extremely high reliability under highly stressful operating conditions.
Model List
Output
Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Reflected
Ripple
Current
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA(typ.)
uF
%
DP06S1203A
3.3
1200
60
429
77
DP06S1205A
5
1000
50
514
81
DP06S1212A
12
500
25
595
6800
84
DP06D1212A
±12
±250
±12.5
595
84
DP06D1215A
12
(9 ~ 18)
±15
±200
±10
595
20
25
1000*
84
DP06S2403A
3.3
1200
60
209
79
DP06S2405A
5
1000
50
251
83
DP06S2412A
12
500
25
291
6800
86
DP06D2412A
±12
±250
±12.5
291
86
DP06D2415A
24
(18 ~ 36)
±15
±200
±10
291
5
15
1000*
86
* For each output
Input Characteristics
Parameter
Model
Min.
Typ.
Max.
Unit
12V Input Models
-0.7
---
25
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
---
50
12V Input Models
4.5
6
8
Start-Up Voltage
24V Input Models
8
12
16
12V Input Models
---
---
8
Under Voltage Shutdown
24V Input Models
---
---
16
VDC
Reverse Polarity Input Current
---
---
1
A
Short Circuit Input Power
---
1000
3000
mW
Internal Power Dissipation
---
---
2500
mW
Conducted EMI (with suffix E only)
All Models
Compliance to EN 55022,class A and FCC part 15,class A


Similar Part No. - DH01S2403A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DH01S2403A DELTA-DH01S2403A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH01S2403A DELTA-DH01S2403A Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH01S2403A DELTA-DH01S2403A Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH01S2403A DELTA-DH01S2403A Datasheet
202Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
DH01S2403A DELTA-DH01S2403A Datasheet
241Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
More results

Similar Description - DH01S2403A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DG06S0503A DELTA-DG06S0503A Datasheet
221Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DG06S DELTA-DG06S Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH06S DELTA-DH06S Datasheet
212Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH06S1203A DELTA-DH06S1203A Datasheet
214Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DR06S DELTA-DR06S Datasheet
227Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DR06S2403A DELTA-DR06S2403A Datasheet
228Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS06S2403A DELTA-DS06S2403A Datasheet
247Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS06S DELTA-DS06S Datasheet
296Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DK03S DELTA-DK03S Datasheet
221Kb / 5P
   2W DC/DC CONVERTER, DIP-Package,Wide 2:1 Input Range
DB02S DELTA-DB02S Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com