Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR3911 Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # IRFR3911
Description  SMPS MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFR3911 Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  IRFR3911 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFR3911 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFR3911 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFR3911 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFR3911 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFR3911 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFR3911 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFR3911 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFR3911 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.kersemi.com
3
IRFR3911/IRFU3911
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
3.0
5.0
7.0
9.0
11.0
13.0
15.0
VGS, Gate-to-Source Voltage (V)
1.00
10.00
100.00
TJ = 25°C
TJ = 175°C
VDS = 15V
20µs PULSE WIDTH
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
4.5V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
4.5V
20µs PULSE WIDTH
Tj = 175°C
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
-60
-40
-20
0
20
40
60
80
100 120
140
160
180
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T , Junction Temperature
(
C)
J
°


V
=
I
=
GS
D
10V
14A


Similar Part No. - IRFR3911

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR3911 IRF-IRFR3911 Datasheet
102Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR3911 KERSEMI-IRFR3911 Datasheet
3Mb / 10P
   SMPS MOSFET
IRFR3911 KERSEMI-IRFR3911 Datasheet
3Mb / 10P
   SMPS MOSFET
logo
International Rectifier
IRFR3911PBF IRF-IRFR3911PBF Datasheet
221Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR3911PBF KERSEMI-IRFR3911PBF Datasheet
4Mb / 10P
   SMPS MOSFET
More results

Similar Description - IRFR3911

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com