Electronic Components Datasheet Search |
|
T520B107M2R5AE040 Datasheet(PDF) 6 Page - Kemet Corporation |
|
T520B107M2R5AE040 Datasheet(HTML) 6 Page - Kemet Corporation |
6 / 25 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com T2015_T520 • 10/3/2013 66 KEMET Organic Capacitor (KO-CAP) – T520 Series Polymer Tantalum (1) Standard with tin terminations (14th character = T). Tin/lead terminations is also available (14th character = H). Also available on large (13 inch) reels. Add 7280 to the end of the part number. Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitutions will be marked with the higher voltage rating. Substitutions can include better than series. Blue color text denotes "Under Development" Bold text denotes black epoxy product Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Moisture Sensitivity Rated Temp VDC µF KEMET/EIA (See below for part options) µA @ 20°C Maximum/5 Minutes % @ 20°C 120 Hz Maximum mΩ @ 20°C 100 kHz Maximum (mA) 45°C 100 kHz Temperature ≤ 260ºC (ºC) 2.5 330 W/7343-15 T520W337M2R5A(1)E025 83 10 25 2700 3 105 2.5 330 W/7343-15 T520W337M2R5A(1)E040 83 10 40 2100 3 105 2.5 330 V/7343-19 T520V337M2R5A(1)E006 83 10 6 5600 3 105 2.5 330 V/7343-19 T520V337M2R5A(1)E007 83 10 7 5200 3 105 2.5 330 V/7343-19 T520V337M2R5A(1)E009 83 10 9 4600 3 105 2.5 330 V/7343-19 T520V337M2R5A(1)E012 83 10 12 3900 3 105 2.5 330 V/7343-19 T520V337M2R5A(1)E015 83 10 15 3500 3 105 2.5 330 V/7343-19 T520V337M2R5A(1)E018 83 10 18 3200 3 105 2.5 330 V/7343-19 T520V337M2R5A(1)E025 83 10 25 2700 3 105 2.5 330 V/7343-19 T520V337M2R5A(1)E040 83 10 40 2200 3 105 2.5 330 D/7343-31 T520D337M2R5A(1)E006 83 10 6 6100 3 105 2.5 330 D/7343-31 T520D337M2R5A(1)E007 83 10 7 5700 3 105 2.5 470 V/7343-19 T520V477M2R5A(1)E006 118 10 6 5600 3 105 2.5 470 V/7343-19 T520V477M2R5A(1)E007 118 10 7 5200 3 105 2.5 470 V/7343-19 T520V477M2R5A(1)E009 118 10 9 4600 3 105 2.5 470 V/7343-19 T520V477M2R5A(1)E012 118 10 12 3900 3 105 2.5 470 V/7343-19 T520V477M2R5A(1)E015 118 10 15 3500 3 105 2.5 470 V/7343-19 T520V477M2R5A(1)E018 118 10 18 3200 3 105 2.5 470 C/6032-28 T520C477M2R5A(1)E025 118 8 25 2600 3 105 2.5 470 C/6032-28 T520C477M2R5A(1)E045 118 8 45 1900 3 105 2.5 470 D/7343-31 T520D477M2R5A(1)E006 118 10 6 6100 3 105 2.5 470 D/7343-31 T520D477M2R5A(1)E007 118 10 7 5700 3 105 2.5 470 D/7343-31 T520D477M2R5A(1)E009 118 10 9 5000 3 105 2.5 680 D/7343-31 T520D687M2R5A(1)E010 170 10 10 4700 3 105 2.5 680 D/7343-31 T520D687M2R5A(1)E015 170 10 15 3900 3 105 2.5 680 D/7343-31 T520D687M2R5A(1)E040 170 10 40 2400 3 105 2.5 680 Y/7343-40 T520Y687M2R5A(1)E015 170 10 15 4000 3 105 2.5 680 Y/7343-40 T520Y687M2R5A(1)E025 170 10 25 3100 3 105 2.5 1000 D/7343-31 T520D108M2R5A(1)E015 250 10 15 3900 3 105 2.5 1000 D/7343-31 T520D108M2R5A(1)E030 250 10 30 2700 3 105 2.5 1000 Y/7343-40 T520Y108M2R5A(1)E010 250 10 10 4900 3 105 2.5 1000 Y/7343-40 T520Y108M2R5A(1)E015 250 10 15 4000 3 105 2.5 1000 Y/7343-40 T520Y108M2R5A(1)E025 250 10 25 3100 3 105 2.5 1000 X/7343-43 T520X108M2R5A(1)E010 250 10 10 5000 3 105 3 100 B/3528-21 T520B107M003A(1)E025 30 8 25 2300 3 105 3 100 B/3528-21 T520B107M003A(1)E035 30 8 35 1900 3 105 3 100 B/3528-21 T520B107M003A(1)E040 30 8 40 1800 3 105 3 100 B/3528-21 T520B107M003A(1)E070 30 8 70 1300 3 105 3 150 B/3528-21 T520B157M003A(1)E025 45 8 25 2300 3 105 3 150 B/3528-21 T520B157M003A(1)E035 45 8 35 1900 3 105 3 150 B/3528-21 T520B157M003A(1)E040 45 8 40 1800 3 105 3 150 B/3528-21 T520B157M003A(1)E070 45 8 70 1300 3 105 3 330 V/7343-19 T520V337M003A(1)E009 99 10 9 4600 3 105 3 330 V/7343-19 T520V337M003A(1)E012 99 10 12 3900 3 105 3 330 V/7343-19 T520V337M003A(1)E015 99 10 15 3500 3 105 3 330 V/7343-19 T520V337M003A(1)E025 99 10 25 2700 3 105 3 680 D/7343-31 T520D687M003A(1)E015 204 10 15 3900 3 105 3 680 D/7343-31 T520D687M003A(1)E040 204 10 40 2400 3 105 3 1000 X/7343-43 T520X108M003A(1)E015 300 10 15 4100 3 105 VDC µF KEMET/EIA (See below for part options) µA @ 20°C Maximum/5 Minutes % @ 20°C 120 Hz Maximum mΩ @ 20°C 100 kHz Maximum (mA) 45°C 100 kHz Temperature ≤ 260ºC (ºC) Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Moisture Sensitivity Rated Temp Table 1 – Ratings & Part Number Reference cont'd Roll Over for Order Info. T 520 V 157 M 006 A T E045 Capacitor Class Series Case Size Capacitance Code (pF) Capacitance Tolerance Voltage Failure Rate/ Design Lead Material ESR Code Packaging (C-Spec) T = Tantalum 520 = Polymer A, B, C, D, H, L, M, Q, T, U, V, W, X, Y First two digits represent significant figures.Thirddigit specifiesnumber of zeros. M = ±20% 2R5 = 2.5 V 003 = 3 V 004 = 4 V 006 = 6.3 V 008 = 8 V 010 = 10 V 011 = 11 V 12R = 12.5 V 016 = 16 V 020 = 20 V 025 = 25 V A = N/A T = 100% Matte Tin (Sn) Plated H = Tin/Lead (SnPb) Solder Coated (5% Pb minimum) E = ESR Last three digits specify ESR in mΩ.(045=45 mΩ) Blank = 7" Reel 7280 = 13" Reel |
Similar Part No. - T520B107M2R5AE040 |
|
Similar Description - T520B107M2R5AE040 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |